Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-J0Y-MW Datasheet(PDF) 3 Page - Vicor Corporation

Part # VI-J0Y-MW
Description  Half Brick DC-DC Converters 25 to 100 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-J0Y-MW Datasheet(HTML) 3 Page - Vicor Corporation

  VI-J0Y-MW Datasheet HTML 1Page - Vicor Corporation VI-J0Y-MW Datasheet HTML 2Page - Vicor Corporation VI-J0Y-MW Datasheet HTML 3Page - Vicor Corporation VI-J0Y-MW Datasheet HTML 4Page - Vicor Corporation VI-J0Y-MW Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 3 of 5
Set your site on VICOR at vicorpower.com
CONVERTER SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Input to output
3,000
3,000
VRMS
Baseplate earthed
Output to baseplate
500
500
VRMS
Input to baseplate
1,500
1,500
VRMS
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Efficiency
78 – 88%
80 – 90%
Baseplate to sink
0.14
0.14
°C/Watt
With Vicor P/N 20267
VI-J00 E-Grade
VI-J00 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Weight
2.9
3.2
3.6
3.4
3.8
4.1
Ounces
82.8
92
101.2
96.3
107
117.7
Grams
DIELECTRIC WITHSTAND CHARACTERISTICS
THERMAL CHARACTERISTICS
MECHANICAL SPECIFICATIONS
Parameter
Storage
Operating
Units
Notes
E
-20 to +105
-10 to + 100
°C
C
-40 to +105
-25 to + 100
°C
I
-55 to +105
-40 to + 100
°C
M
-65 to +105
-55 to + 100
°C
PRODUCT GRADE TEMPERATURES


Similar Part No. - VI-J0Y-MW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J0YCM VICOR-VI-J0YCM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCX VICOR-VI-J0YCX Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCY VICOR-VI-J0YCY Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YCZ VICOR-VI-J0YCZ Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0YEM VICOR-VI-J0YEM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
More results

Similar Description - VI-J0Y-MW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com