Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR1087G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1087G
Description  T1/E1 Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1087G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1087G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T1/E1 Transformer
CSR1087G
Rev.
5/1/00
• Designed for use with PMC-Sierra’s PM4351 Comet •
• Meets UL1459 requirements •
• Robust Construction allows IR/VP reflow processes •
• 1500 Vrms Isolation •
Schematic
EPR1087G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.460
.410
.360
---
.015
---
.520
.022
.012
---
.045
---
---
---
--
Max.
.450
.400
.350
.200
.013
.100
.510
.020
.010
.125
---
.035
.030
.100
.085
.570
Nom.
(Inches)
(Millimeters)
11.85
9.90
8.63
---
.254
---
12.70
.457
.203
---
.635
---
---
---
---
Min.
11.68
10.41
9.14
---
.381
---
13.20
.559
.305
---
1.14
---
---
---
---
Max.
11.43
10.16
8.89
5.08
.330
2.54
12.95
.508
.254
3.16
---
.889
.762
2.54
2.16
14.48
Nom.
.440
.390
.340
---
.010
---
.500
.018
.008
---
.025
---
---
---
---
Dimensions
Package
Electrical Parameters @ 25° C
Frequency
Response
(dB Typ.)
0.1-2.5 MHz
-0.1
1
3
6
4
5
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Sec.
Pri.
Pri. OCL
(mH Min.)
Pins 6-4
2.3
10KHz,1Vrms
10KHz,1Vrms
2
Leakage
Inductance
(µH Max.)
Pins 6-4 w/
1-3 Shorted
Return
Loss
(dB Typ.)
100KHz
-32
200-300KHz
-35
500KHz
-32
1MHz
-28
2.5 MHz
-22
Longitudinal
Balance
(dB Min.)
0.1-2.5 MHz
35
Per FCC Method
DCR
(
Ω ±10%)
Pri.
Sec.
0.55
0.215
Pins
6-4
Pins
1-3
Turns
Ratio
(± 2%)
Pri. : Sec.
2.42:1
Pins 6-4
to 1-3
G
K
L
I
Solder Pad
Layout
Q
N
M
P
C
F
H
E
PCA
EPR1087G
D.C.
A
B
J
D
Pin 1
I.D.
• Primary Impedance : 100
Ω • Secondary Impedance : 17Ω •


Similar Part No. - EPR1087G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1080S PCA-EPR1080S Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1080S-RC PCA-EPR1080S-RC Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1081S PCA-EPR1081S Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1081S-RC PCA-EPR1081S-RC Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1082S PCA-EPR1082S Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
More results

Similar Description - EPR1087G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0134-EE5S XFMRS-XF0134-EE5S Datasheet
40Kb / 1P
   T1/E1 TRANSFORMER
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057 BOURNS-SM75057 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056EL BOURNS-SM75056EL Datasheet
261Kb / 1P
   T1/E1 Transformer
PT75161EL BOURNS-PT75161EL_11 Datasheet
248Kb / 1P
   T1/E1 Transformer
logo
PCA ELECTRONICS INC.
EPA3532S PCA-EPA3532S Datasheet
20Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0013B12 XFMRS-XF0013B12 Datasheet
46Kb / 1P
   T1/E1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3521S PCA-EPA3521S Datasheet
21Kb / 1P
   T1/E1 Transformer
EPR1421G PCA-EPR1421G Datasheet
39Kb / 1P
   T1/E1 Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com