Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17528GTJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17528GTJ+
Description  1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17528GTJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17528GTJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX17528GTJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
1-Phase Quick-PWM
Intel IMVP-6.5/GMCH Controllers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RTON = 96.75k
142
167
192
RTON = 200k
300
333
366
On-Time
tON
VIN = 12V,
VFB = 1.2V
(Note 4)
RTON = 303.25k
425
500
575
ns
Minimum Off-Time
tOFF(MIN) Measured at DH (Note 4)
300
375
ns
TON Shutdown Input Current
SHDN = GND, VIN = 26V, VCC = VDD = 0V or
5V, TA = +25°C
0.01
1
µA
BIAS CURRENTS
Quiescent Supply Current (VCC)
ICC
Measured at VCC, VSKIP = 5V, FB forced
above the regulation point
1.5
3
mA
Quiescent Supply Current (VDD)
IDD
Measured at VDD, SKIP = GND,
FB forced above the regulation point,
TA = +25°C
0.02
1
µA
Shutdown Supply Current (VCC)
Measured at VCC,
SHDN = GND
15
30
µA
Shutdown Supply Current (VDD)
Measured at VDD,
SHDN = GND, TA = +25°C
0.01
1
µA
FAULT PROTECTION
Output Undervoltage-Protection
Threshold
VUVP
Measured at FB with respect to unloaded
output voltage
-450
-400
-350
mV
Output Undervoltage
Propagation Delay
tUVP
FB forced 25mV below trip threshold
10
µs
IMVP-6.5
CLKEN Startup Delay
(Boot Time Period,
CLKEN Pullup
to 3.3V with 1.9k )
tBOOT
IMVP-6.5:
CLKEN pullup to 3.3V with 1.9k ;
measured from the time when FB reaches
the boot target voltage (Note 3); the time
needed for FB to reach this target voltage is
based on the slew rate set by RTIME
20
60
100
µs
IMVP-6.5:
CLKEN pullup to 3.3V with 1.9k ;
measured at startup from the time when
CLKEN goes low
3
5
8
PWRGD Startup Delay
GMCH:
CLKEN = GND; measured from the
time when FB reaches the target voltage (Note
3); the time needed for FB to reach this target
voltage is based on the slew rate set by RTIME
3
5
8
ms
Lower threshold,
falling edge
(undervoltage)
-350
-300
-250
PWRGD and
CLKEN (IMVP-6.5,
CLKEN Pullup to 3.3V with
1.9k ) Threshold
Measured at FB
with respect to
unloaded output
voltage, 15mV
hysteresis (typ)
Upper threshold, rising
edge (overvoltage)
+150
+200
+250
mV
PWRGD and
CLKEN (IMVP-6.5,
CLKEN Pullup to 3.3V with
1.9k ) Transition Blanking Time
tBLANK
Measured from the time when FB reaches
the target voltage (Note 3) based on the
slew rate set by RTIME
20
µs
PWRGD and
CLKEN (IMVP-6.5,
CLKEN Pullup to 3.3V with
1.9k ) Delay
FB forced 25mV outside the PWRGD
trip thresholds
10
µs
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, VDD = VCC = 5V, CLKEN pullup to 3.3V with 1.9kΩ, SHDN = SLOW = ILIM = PGDIN = VCC, SKIP =
GNDS = PGND = GND, VFB = VCSP = VCSN = 1.200V, D0–D6 set for 1.20V (D0–D6 = 0001100). TA = 0°C to +85°C, unless otherwise
specified. Typical values are at TA = +25
°C.) (Note 2)


Similar Part No. - MAX17528GTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17521 MAXIM-MAX17521 Datasheet
657Kb / 22P
   60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 6/17
MAX17521 MAXIM-MAX17521 Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX17521ATG MAXIM-MAX17521ATG Datasheet
657Kb / 22P
   60V, 1A, Dual-Output, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 6/17
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX17523 MAXIM-MAX17523 Datasheet
1Mb / 10P
   4.5V to 36V Operating Voltage Range
Rev 0; 12/16
More results

Similar Description - MAX17528GTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
Linear Technology
LTC3816 LINER-LTC3816_15 Datasheet
763Kb / 44P
   Single-Phase Wide VIN Range DC/DC Controller for Intel IMVP-6/IMVP-6.5 CPUs
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com