Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR1282 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1282
Description  Dual ISDN S-Interface Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1282 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1282 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSR1282
Rev. -
6/3/02
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Dual ISDN S-Interface Module
• For Enchanced EMC Preformance •
• Meets CCITT I.430 Four Wire “S” Interface •
• Meets or exceeds UL1459, UL1950 & EN60950 Standards •
• Operating Temperature : 0°C to 70°C •
• Isolation : 1500 Vrms •
EPR1282
Schematic
Electrical Parameters @ 25° C
Package
Primary OCL
(mH Min.)
30
@ 20 KHz,
0.1 Vrms.
Pins 2-17 & 4-15
1
3
18
1CT: 2CT
9
7
8
5
16
14
1CT: 2CT
10
12
11
2
17
4
15
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
150
Interwinding
Capacitance
(pF Max.)
@ 100 KHz,
0.02 Vrms.
Pins 2-17/4-15 with
9-7/10-12 shorted
30
Leakage
Inductance
(µH Max.)
Pri. to Sec.
Winding
100
Distributed
Capacitance
(pF Max.)
Pri. & Sec.
3.2/5.4
DCR
(
Ω ± 25 % Max.)
Pri./Sec.
Primary OCL
(mH Min.)
4.7
@ 20 KHz,
0.1 Vrms.
Pins 2-17 & 4-15
1.2
DCR
(
Ω Max.)
Pins 9-7 & 10-12
Transformer
Choke
∆Idc : 5 mA Max. •
Pri.
Pri.
Sec.
Sec.
.059
(1.50)
.590
Max.
(14.99)
1.145 Max.
(29.08)
Pin 1
I.D.
.800
(20.32)
.350
(8.89)
Pad
Layout
.350
(8.89)
.240
(6.10)
.418
Max.
(10.62)
PCA
EPR1282
Date Code
.034 Ø
(.860)
.100
(2.54)
.800
(20.32)
.030
(.762)
.024 Ø
(.610)
± 25 %


Similar Part No. - EPR1282

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1281G PCA-EPR1281G Datasheet
46Kb / 1P
   ISDN S-Interface Module
EPR1283 PCA-EPR1283 Datasheet
22Kb / 1P
   Dual ISDN S-Interface Module
More results

Similar Description - EPR1282

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1283 PCA-EPR1283 Datasheet
22Kb / 1P
   Dual ISDN S-Interface Module
logo
Dongguan Xinkang Electr...
TE16A20 TNK-TE16A20 Datasheet
112Kb / 1P
   ISDN S-INTERFACE DUAL TRANSFOREMRS Module
logo
PCA ELECTRONICS INC.
EPR1281G PCA-EPR1281G Datasheet
46Kb / 1P
   ISDN S-Interface Module
logo
Dongguan Xinkang Electr...
TE40A30 TNK-TE40A30 Datasheet
186Kb / 1P
   ISDN S-INTERFACE TRANSFOREMRS Module
logo
Bourns Electronic Solut...
PT66011 BOURNS-PT66011 Datasheet
142Kb / 1P
   ISDN S-Interface Transformer Module
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
Rhombus Industries Inc.
T-13552 RHOMBUS-IND-T-13552 Datasheet
37Kb / 1P
   ISDN S-Interface Dual Transformer
T-10505 RHOMBUS-IND-T-10505 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
T-13505 RHOMBUS-IND-T-13505 Datasheet
31Kb / 1P
   ISDN S-Interface Dual Transformer
logo
PCA ELECTRONICS INC.
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
   ISDN-S Interface Dual Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com