Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-20Y-EX Datasheet(PDF) 5 Page - Vicor Corporation

Part # VI-20Y-EX
Description  DC-DC Converters 50 to 200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-20Y-EX Datasheet(HTML) 5 Page - Vicor Corporation

  VI-20Y-EX Datasheet HTML 1Page - Vicor Corporation VI-20Y-EX Datasheet HTML 2Page - Vicor Corporation VI-20Y-EX Datasheet HTML 3Page - Vicor Corporation VI-20Y-EX Datasheet HTML 4Page - Vicor Corporation VI-20Y-EX Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-200 DC-DC Converters 50 to 200 Watts
Rev. 2.9
8/09
Set your site on VICOR at vicorpower.com
Vicor Corporation
25 Frontage Road
Andover, MA, USA 01810
Tel: 800-735-6200
Fax: 978-475-6715
email
Customer Service: custserv@vicorpower.com
Technical Support: apps@vicorpower.com
Vicor’s comprehensive line of power solutions includes high density AC-DC
and DC-DC modules and accessory components, fully configurable AC-DC
and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its
use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunc-
tion could result in injury or death. All sales are subject to Vicor’s Terms and Conditions of Sale, which are available upon
request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent
applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual
Property Department.
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal
use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance.
Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only.
EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE.
Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the
buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned
without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the
factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty.
Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed
for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function,
or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it con-
vey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its compo-
nents in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and
Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor
against all damages.


Similar Part No. - VI-20Y-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-20YCU VICOR-VI-20YCU Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-20YCV VICOR-VI-20YCV Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-20YCW VICOR-VI-20YCW Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-20YCX VICOR-VI-20YCX Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-20YCY VICOR-VI-20YCY Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VI-20Y-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com