Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3108 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ3108
Description  Low-Power, Dual-Core Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3108 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ3108 Datasheet HTML 1Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 2Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 3Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 4Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 5Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 6Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 7Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 8Page - Maxim Integrated Products MAXQ3108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Low-Power, Dual-Core Microcontroller
4
_______________________________________________________________________________________
RECOMMENDED DC OPERATING CONDITIONS
(VDD = VRST to 3.6V, TA = -40°C to +85°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin
except VDD with Respect to VSS ...........................-0.3V to VDD
Voltage Range on VDD with Respect to VSS .........-0.3V to +3.6V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
VRST
3.6
V
Power-Fail Reset Voltage
VRST
Monitors VDD
1.875
1.975
V
1.8V Internal Regulator
VREG18
1.71
1.8
1.89
V
1.8V Power-Fail Reset Voltage
VREGRST
Monitors REGOUT
1.62
1.71
V
Battery Supply Voltage
VBAT
1.8
3.6
V
VDD = 0, VBAT = 3.6V, 32kHz oscillator and
RTC enabled
0.8
Battery Current (Note 3)
IBAT1
VDD = 0, VBAT = 2V, 32kHz oscillator and
RTC enabled
0.6
μA
IDD_FLL1
/1 mode, VDD = 2.0V
1.3
2.2
IDD_FLL2
/1 mode, VDD = 3.6V
1.5
2.5
IDD_FLL9
PMM2 (32kHz), VDD = 2.0V
0.5
0.8
Active Current with 32.768kHz
Crystal Connected to CX1, CX2;
FLL Selected (10MHz Output);
ENDSP = 0; All Decimators and
Sinc Filters Off (Note 4)
IDD_FLL10
PMM2 (32kHz), VDD = 3.6V
0.6
1.0
mA
IDD_FLL14
VDD = 2.0V
1.0
1.7
Active Current with 32.768kHz
Crystal Connected to CX1, CX2;
FLL Selected (10MHz Output);
UserCore = /256 PMM; DSPCore
= /1 ; ENDSP = 1; Manchester
Decoders On; Decimators On
IDD_FLL15
VDD = 3.6V
1.8
3.0
mA
ISTOP_1
BOD = 1, REGEN = 0, SVMSTOP = 0, RTC
off (lowest current stop mode)
0.1
2.4
Stop-Mode Current (Note 5)
ISTOP_2
BOD = 0, REGEN = 0, SVMSTOP = 0, RTC
off (adds brownout-reset detection)
30
125
μA
Input Low (CX1)
VIL1
VSS
0.20 x VDD
V
Input Low (All Other Pins)
VIL2
VSS
0.30 x VDD
V
Input High (CX1)
VIH1
0.75 x VDD
VDD
V
Input High (All Other Pins)
VIH2
0.70 x VDD
VDD
V
Input Hysteresis (Schmitt)
VIHYS
0.18
V
Output Low (All Port Pins)
VOL
IOL = 4mA (Note 6)
VSS
0.4
V
Output High (All Port Pins)
VOH
IOH = -4mA (Note 6)
VDD - 0.4
V
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MAXQ3108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3100-EMN++ MAXIM-MAXQ3100-EMN+ Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
More results

Similar Description - MAXQ3108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D80530 ETC2-D80530 Datasheet
217Kb / 3P
   8-bit Microcontroller Core
logo
ATMEL Corporation
ATMEGA64RFR2 ATMEL-ATMEGA64RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
   Low-Power LCD Microcontroller
Rev 2; 12/04
logo
ATMEL Corporation
ATMEGA128RFR2 ATMEL-ATMEGA128RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
ATMEGA256RFR2 ATMEL-ATMEGA256RFR2_14 Datasheet
5Mb / 611P
   Microcontroller with Low Power
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
   Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000_08 Datasheet
496Kb / 39P
   Low-Power LCD Microcontroller
Rev 10; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com