Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ7670 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ7670
Description  Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7670 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ7670_09 Datasheet HTML 1Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 2Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 3Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 4Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 5Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 6Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 7Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 8Page - Maxim Integrated Products MAXQ7670_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
General Description
The MAXQ7670 is a highly integrated solution for mea-
suring multiple analog signals and outputting the results
on a control area network (CAN) bus. The device oper-
ates from a single 5V supply and incorporates a high-
performance, 16-bit reduced instruction set computing
(RISC) core, a SAR ADC, and a CAN 2.0B controller,
supporting transfer rates up to 1Mbps. The 10-bit SAR
ADC includes an amplifier with programmable gains of
1V/V or 16V/V, 8 input channels, and conversion rates up
to 250ksps. The eight single-ended ADC inputs can be
configured as four unipolar or bipolar, fully differential
inputs. For single-supply operation, the external 5V sup-
ply powers the digital I/Os and two separate integrated
linear regulators that supply the 2.5V digital core and the
3.3V analog circuitry. Each supply rail has a dedicated
power-supply supervisor that provides brownout detec-
tion and power-on reset (POR) functions. The 16-bit RISC
microcontroller (µC) includes 64KB (32K x 16) of non-
volatile program/data flash and 2KB (1K x 16) of data
RAM. Other features of the MAXQ7670 include a 4-wire
SPI™ interface, a JTAG interface for in-system program-
ming and debugging, an integrated 15MHz RC oscilla-
tor, external crystal oscillator support, a timer/counter
with pulse-width modulation (PWM) capability, and seven
GPIO pins with interrupt and wake-up capability.
The system-on-a-chip (SoC) MAXQ7670 is a µC-based,
smart data acquisition system. As a member of the
MAXQ® family of 16-bit, RISC µCs, the MAXQ7670 is
ideal for low-cost, low-power, embedded-applications
such as automotive, industrial controls, and building
automation. The flexible, modular architecture used in
the MAXQ µCs allows development of targeted prod-
ucts for specific applications with minimal effort.
The MAXQ7670 is available in a 40-pin, 5mm x 5mm
TQFN package, and is specified to operate over the -40°C
to +125°C automotive temperature range.
Applications
Automotive Steering Angle and Torque Sensors
CAN-Based Automotive Sensor Applications
Industrial Control
Building Automation
Features
o High-Performance, Low-Power, 16-Bit RISC Core
0.166MHz to 16MHz Operation, Approaching
1MIPs/MHz
Low Power (< 1mA/MIPS, VDVDD = +2.5V)
16-Bit Instruction Word, 16-Bit Data Bus
33 Instructions, Most Require Only One Clock
Cycle
16-Level Hardware Stack
16 x 16-Bit, General-Purpose Working Registers
Three Independent Data Pointers with Auto-
Increment/Decrement
Low-Power, Divide-by-256, Power-Management
Modes (PMM) and Stop Mode
o Program and Data Memory
64KB Internal Nonvolatile Program/Data Flash
2KB Internal Data RAM
o SAR ADC
8 Single-Ended/4 Differential Channels,
10-Bit Resolution with No Missing Codes
PGA Gain = 1V/V or 16V/V
250ksps (150.9ksps with PGA Gain = 16V/V)
o Timer/Digital I/O Peripherals
CAN 2.0B Controller (15 Message Centers)
Serial Peripheral Interface (SPI)
JTAG Interface (Extensive Debug and Emulation
Support)
Single 16-Bit/Dual 8-Bit Timer/PWM
Seven General-Purpose, Digital I/O Pins with
External Interrupt/Wake-Up Features
o Oscillator/Clock Module
Internal Oscillator Supports External Crystal
(8MHz or 16MHz)
Integrated 15MHz RC Oscillator
External Clock Source Operation
Programmable Watchdog Timer
o Power-Management Module
Power-On Reset
Power-Supply Supervisor/Brownout Detection
Integrated +2.5V and +3.3V Linear Regulators
Microcontroller with 10-Bit ADC,
PGA, 64KB Flash, and CAN Interface
________________________________________________________________
Maxim Integrated Products
1
19-4384; Rev 1; 7/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit and Pin Configuration appear at
end of data sheet.
SPI is a trademark of Motorola, Inc.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAXQ7670ATL/V+
-40°C to +125°C
40 TQFN-EP*
/V denotes an automotive qualified part.
+
Denotes a lead-free/RoHS-compliant package.
*
EP = Exposed pad.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of
any device may be simultaneously available through various sales channels. For information about device errata, go to:
http://www.maxim-ic.com/errata.


Similar Part No. - MAXQ7670_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670A MAXIM-MAXQ7670A Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670AATL++ MAXIM-MAXQ7670AATL+ Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670AATL/V++ MAXIM-MAXQ7670AATL/V+ Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670ATL++ MAXIM-MAXQ7670ATL+ Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
More results

Similar Description - MAXQ7670_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670A MAXIM-MAXQ7670A Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
   8-bit Flash Microcontroller with 64KB Program Memory
logo
NXP Semiconductors
LPC2194 NXP-LPC2194 Datasheet
188Kb / 40P
   Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com