Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ7665BATM+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXQ7665BATM+
Description  16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7665BATM+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXQ7665BATM+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ7665BATM+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
16-Bit RISC Microcontroller-Based
Smart Data-Acquisition Systems
8
________________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDDIO = +5.0V, DVDD = +3.3V, fSYSCLK = 8MHz, VREFDAC = VREFADC = +5V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crystal Oscillator Stability
Excluding crystal
3
ppm/V
HFIC = 00b (default)
7
HFIC = 01b
18
HFIC = 10b
27
XIN Input Load Capacitance
HFIC = 11b
34
pF
HFOC = 00b (default)
6
HFOC = 01b
17
HFOC = 10b
27
XOUT Output Load Capacitance
HFOC = 11b
34
pF
XIN Input Low Voltage
Driven with external clock source
0.3 x
DVDD
V
XIN Input High Voltage
Driven with external clock source
0.7 x
DVDD
V
INTERNAL RC OSCILLATOR
Oscillator Frequency
7.0
7.6
8.0
MHz
Oscillator Startup Time
10
µs
Oscillator Jitter
2.7
ns
UART (LIN) INTERFACE (UTX, URX)
UART Baud Rate
0
2
Mbps
Minimum LIN Mode Operation
1
kbps
Maximum LIN Mode Operation
20
kbps
Crystal clock source
-0.5
+0.5
Using internal RC oscillator before
autobaud
-14.0
+14.0
UART Baud Rates Error
Using internal RC oscillator after autobaud
-0.5
+0.5
%
RESET (
RESET)
RESET Internal Pullup Resistance
Pullup to DVDD
305
k
High, RESET deasserted, no load
0.9 x
DVDD
RESET Output Voltage
Low, RESET asserted, no load
0.4
V
RESET Input High Voltage
0.7 x
DVDD
V
RESET Input Low Voltage
0.3 x
DVDD
V
DIGITAL INPUTS (P0._, CANRXD, URX,
REGEN)
Input Low Voltage
0.3 x
DVDDIO
V
Input High Voltage
0.7 x
DVDDIO
V
Input Hysteresis
500
mV
Input Leakage Current
VIN = GNDIO or DVDDIO, pullup disabled
-1
±0.01
+1
µA


Similar Part No. - MAXQ7665BATM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
More results

Similar Description - MAXQ7665BATM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
MAXQ7666 MAXIM-MAXQ7666 Datasheet
2Mb / 49P
   16-Bit, RISC, Microcontroller-Based, Smart Data-Acquisition System
Rev 0; 8/08
logo
RDC Semiconductor
R8800I RDC-R8800I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8810I RDC-R8810I Datasheet
72Kb / 5P
   16-BIT RISC MICROCONTROLLER
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
RDC Semiconductor
R8820LV RDC-R8820LV Datasheet
1,000Kb / 98P
   16-BIT RISC MICROCONTROLLER
R8821 RDC-R8821 Datasheet
68Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830 RDC-R8830 Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830I RDC-R8830I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com