Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500T011Z221H06 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500T011Z221H06
Description  Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500T011Z221H06 Datasheet(HTML) 1 Page - Glenair, Inc.

  500T011Z221H06 Datasheet HTML 1Page - Glenair, Inc. 500T011Z221H06 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-8
E-Mail: sales@glenair.com
Shield Sock Backshells save assembly time. These
backshells are terminated to tinned copper braid in whatever
length you require.
Available in Top, 45° and Side Entry, these backshells feature
one piece construction and are available in a variety of
plating finishes.
Precision Swaged Braid Termination adds mechanical
strength and lowers resistance compared to hex
crimps.
HOW TO ORDER 500-011 SHIELD SOCK EMI BACKSHELLS
Series
Shell Finish
Connector
Size
Hardware Option
Cable Entry Code
Length of Braid
Top Entry
500T011
Side Entry
500S011
45° Entry
500E011
E
Chem Film
(Alodyne)
J
Cadmium, Yellow
Chromate
M
Electroless
Nickel
NF Cadmium,
Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
B Fillister Head
Jackscrew
H Hex Head
Jackscrew
E Extended
Jackscrew
(Not for 45° Entry)
F Jackpost,
Female
04 .125 (3.2)
05 .156 (4.0)
06 .188 (4.8)
07 .219 (5.6)
08 .250 (6.4)
09 .281 (7.1)
10 .312 (7.9)
11 .344 (8.7)
12 .375 (9.5)
Length in One Inch
Increments
Example: “6” equals six
inches.
Sample Part Number
500T011
– M
25
H
08
— 12
Micro-D Backshells
EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
Maximum Cable Entry Code
Size
T
Top
Entry
E
45°
Entry
S
Side
Entry
9
08
08
09
15
08
08
12
21
08
08
12
25
08
08
12
31
09
09
12
37
09
09
12
51
10
10
12
51-2
09
09
12
67
09
09
12
69
10
10
12
100
12
12
12


Similar Part No. - 500T011Z221H06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T011Z221H04-12 GLENAIR-500T011Z221H04-12 Datasheet
234Kb / 2P
   EMI/RFI Shield Sock Backshell
More results

Similar Description - 500T011Z221H06

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
500-047-E09BB GLENAIR-500-047-E09BB Datasheet
97Kb / 1P
   Micro-D Backshells EMI, Elliptical, One Piece 500-047
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
   Micro-D Backshells Dual Entry EMI, One Piece 507-142
500-016-E09BN4-06 GLENAIR-500-016-E09BN4-06 Datasheet
101Kb / 1P
   Micro-D Backshells Switching/Shorting, One Piece 500-016
507T088XM09B04 GLENAIR-507T088XM09B04 Datasheet
359Kb / 2P
   Micro-D Backshells EMI, Composite, Round Cable Entry 507-088
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
507-145-E09B GLENAIR-507-145-E09B Datasheet
84Kb / 1P
   Micro-D Backshells EMI Split Backshell, Round Cable Entry 507-145
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
507-146E09 GLENAIR-507-146E09 Datasheet
217Kb / 1P
   Micro-D Backshells Strain Relief Backshell, Round Cable Entry 507-146
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com