Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-J0X-IY Datasheet(PDF) 4 Page - Vicor Corporation

Part # VI-J0X-IY
Description  Half Brick DC-DC Converters 25 to 100 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-J0X-IY Datasheet(HTML) 4 Page - Vicor Corporation

  VI-J0X-IY Datasheet HTML 1Page - Vicor Corporation VI-J0X-IY Datasheet HTML 2Page - Vicor Corporation VI-J0X-IY Datasheet HTML 3Page - Vicor Corporation VI-J0X-IY Datasheet HTML 4Page - Vicor Corporation VI-J0X-IY Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 4 of 5
Set your site on VICOR at vicorpower.com
MECHANICAL DRAWING
5
6
7
8
9
4
3
2
1
0.080 Dia (2) places
0.080 Dia (2) places
Solder plate
Matte tin over copper
over copper alloy
alloy
0.040 (1,0) Dia (7) places
0.040 Dia (7) places
Matte tin over copper
Solder plate
over copper alloy
alloy
.01
Aluminum Base
Product ID
this surface
Function
+In
-In
+Out
Trim
–Sense
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+.030 (0,76)
-.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
(61,0)
(57,9)
(3,0)
(12,7)
1.90
.65
(16,5)
.49
(12,4)
.30
±.015
(7,6)
±(0,38)
.15
2.10
(53,4)
(33,0)
.40
(10,2)
.35
± .015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
Gate In
Gate Out
+Sense
VI-J00
2.28
1.30
(3,8)
.15
(3,8)
(48,3)
.22
.12
.50
.30
2.40
1.75
Standard
RoHS
Standard
RoHS
Flangeless package
Flangeless package
with integral heat sink
To order the SlimMod configuration add the suffix “ – S” to
the standard module part number.
Qty (2) grounding clips are included with each SlimMod
P/N 32187
Available with longitudinal or transverse fins of 0.25" or
0.50" height. Add the appropriate suffix to the module
part number.
Qty (4) grounding clips are included with each FinMod
F1, F2 P/N 32185
F3, F4 P/N 32186
To order the BusMod fully assembled, add suffix “–B1” to
the standard module part number.
To order the BusMod separately:
Half-sized BusMod — P/N 18952
2.28"L x 1.80"W x 0.50"H
(57,9 x 45,7 x 12,7 mm)
Longitudinal, 0.25" fins — add suffix “– F1”
Longitudinal, 0.50" fins — add suffix “– F2”
Transverse, 0.25" fins — add suffix “– F3”
Transverse, 0.50" fins — add suffix “– F4”
PACKAGING OPTIONS
2.28"L x 2.40"W x 1.08"H
(57,9 x 61,0 x 27,4 mm)
1 up – 2.58¨ x 2.5¨ x 0.62¨ (65,5 x 63,5 x 15,7 mm)
2 up – 2.58¨ x 4.9¨ x 0.62¨ (65,5 x 124,5 x 15,7 mm)
3 up – 2.58¨ x 7.3¨ x 0.62¨ (65,5 x 185,4 x 15,7 mm)
MegaMod Jr.
Chassis mount alternatives, one, two,
or three outputs: up to 300 W
BusMod


Similar Part No. - VI-J0X-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J0XCM VICOR-VI-J0XCM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0XCX VICOR-VI-J0XCX Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0XCY VICOR-VI-J0XCY Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0XCZ VICOR-VI-J0XCZ Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-J0XEM VICOR-VI-J0XEM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
More results

Similar Description - VI-J0X-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com