Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLF645E0P2064G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # ZLF645E0P2064G
Description  Flash MCUs with Learning Amplification
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLF645E0P2064G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button ZLF645E0P2064G Datasheet HTML 7Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 8Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 9Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 10Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 11Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 12Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 13Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 14Page - Maxim Integrated Products ZLF645E0P2064G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 201 page
background image
PS026408-1208
Features
ZLF645 Series Flash MCUs
Product Specification
3
8-bit UART:
RX and TX interrupts
4800, 9600, 19200, and 38400 baud rates
Parity Odd/Even/None
Stop bits 1/2
ICP (In-circuit Flash Programming) interface multiplexed with one of the GPIO’s.
Intelligent Power-On Reset (POR) to provide reduced POR time on detection 
of stable clock from external crystal oscillator or resonator.
Low-voltage and high-voltage detection flags.
Programmable Watchdog Timer (WDT)/POR circuits.
Two on-board analog comparators with independent reference voltages and
programmable interrupt polarity.
User-selectable options through option bit Flash coding (ON/OFF):
Port 0 pins 0–3 pull-up transistors
Port 0 pins 4–7 pull-up transistors
Port 1 pins 0–3 pull-up transistors
Port 1 pins 4–7 pull-up transistors
Port 2 pins 0–7 pull-up transistors
Port 3 pins 0–3 pull-up transistors
Port 4 pins 0–7 pull-up transistors
WDT enabled at Power-On Reset
Flash lowest half main memory protect
Flash entire main memory protect
16-bit addressability for stack pointer
No division, divide by 2, divide by 16, or divide by 32 of external clock to system
clock
All signals with an overline, “ ”, are active Low. For example, B/W, in which WORD is
active Low, and B/W, in which BYTE is active Low.
Power connections use the conventional descriptions listed in Table 2.
Table 2. Power Connections
Connection
Device
Power
VDD
Ground
VSS
Note:


Similar Part No. - ZLF645E0P2064G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLF645E0XXX32G ZILOG-ZLF645E0XXX32G Datasheet
406Kb / 8P
   ZLF645 Crimzon Flash Microcontroller with ZBase Database Industry Leading Universal Infrared Remote Control (UIR) Solution
ZLF645E0XXX64G ZILOG-ZLF645E0XXX64G Datasheet
406Kb / 8P
   ZLF645 Crimzon Flash Microcontroller with ZBase Database Industry Leading Universal Infrared Remote Control (UIR) Solution
More results

Similar Description - ZLF645E0P2064G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZLR64400ROMMCU ZILOG-ZLR64400ROMMCU Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLP12840OPTMCU ZILOG-ZLP12840OPTMCU Datasheet
2Mb / 58P
   Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
logo
Microchip Technology
PIC16F87 MICROCHIP-PIC16F87_13 Datasheet
4Mb / 230P
   18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12 2002-2013
PIC16F88-I-P MICROCHIP-PIC16F88-I-P Datasheet
4Mb / 230P
   18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
11/29/12
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
   LEARNING DECODER
2008-09-02
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com