Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCRMZNICE01ZACG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # ZCRMZNICE01ZACG
Description  ROM MCU with Learning Amplification
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZCRMZNICE01ZACG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button ZCRMZNICE01ZACG Datasheet HTML 4Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 5Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 6Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 7Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 8Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 9Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 10Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 11Page - Maxim Integrated Products ZCRMZNICE01ZACG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
19-4624; Rev 0; 5/09
Features
ZLR64400 ROM MCU
Product Specification
2
14 from SMR source P20-P27, P30-P33, P00, P07
Any change of logic from P20-P27, P30-P33 can generate an interrupt or SMR
Additional features include:
IR learning amplifier
Low power consumption—8 mW (typical)
Three standby modes:
STOP—1.8
A (typical)
HALT—0.8 mA (typical)
Low voltage reset
Intelligent counter/timer architecture to automate generation or reception and demod-
ulation of complex waveform and pulsed signals:
One programmable 8-bit counter/timer with two capture registers and two load
registers
One programmable 16-bit counter/timer with one 16-bit capture register pair and
one 16-bit load register pair
Programmable input glitch filter for pulse reception
The UART baud rate generator can be used as another 8-bit timer when the UART
is not in use
Six priority interrupts
Three external/UART interrupts
Two assigned to counter/timers
One low-voltage detection interrupt
8-bit UART
RX, TX interrupts
4800, 9600, 19200 and 38400 baud rates
Parity Odd/Even/None
Stop bits 1/2
Low voltage detection and high voltage detection Flags
Programmable Watchdog Timer (WDT)/Power-On Reset (POR) circuits
Two on-board analog comparators with independent reference voltages and program-
mable interrupt polarity
User selectable options through option bit mask coding (ON/OFF)
Port 0 pins 0–3 pull-up transistors
Port 0 pins 4–7 pull-up transistors
Port 2 pins 0–7 pull-up transistors


Similar Part No. - ZCRMZNICE01ZACG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZNICE01ZACG MAXIM-ZCRMZNICE01ZACG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZNICE01ZACG MAXIM-ZCRMZNICE01ZACG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZNICE01ZACG MAXIM-ZCRMZNICE01ZACG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZNICE01ZACG ZILOG-ZCRMZNICE01ZACG Datasheet
136Kb / 4P
   20-SSOP programming adapter
ZCRMZNICE01ZACG ZILOG-ZCRMZNICE01ZACG Datasheet
1Mb / 99P
   Low power consumption??1 mW
More results

Similar Description - ZCRMZNICE01ZACG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR64400ROMMCU ZILOG-ZLR64400ROMMCU Datasheet
2Mb / 155P
   ZLR64400 ROM MCU with Learning Amplification
ZLP12840OPTMCU ZILOG-ZLP12840OPTMCU Datasheet
2Mb / 58P
   Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
logo
Fortune Semiconductor C...
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
   8-bit MCU with 4k program ROM
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
   8-bit MCU with 1k program ROM
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Core Technology (Shenzh...
CSU8RP1186B CHIPSEA-CSU8RP1186B Datasheet
2Mb / 100P
   OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
   OTP ROM 8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com