Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLR16300H2001G Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ZLR16300H2001G
Description  Low-Voltage ROM MCUs with Infrared Timers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLR16300H2001G Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ZLR16300H2001G Datasheet HTML 5Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 6Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 7Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 8Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 9Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 10Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 11Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 12Page - Maxim Integrated Products ZLR16300H2001G Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
19-4622; Rev 0; 5/09
Pin Description
Crimzon® ZLR16300
Product Specification
5
Pin Description
The pin configuration for the 20-pin DIP/SOIC/SSOP is displayed in Figure 3 and
described in Table 3. The pin configuration for the 28-pin DIP/SOIC/SSOP are displayed
in Figure 4 on page 6 and described in Table 4 on page 6.
Figure 3. 20-Pin DIP/SOIC/SSOP Pin Configuration
Table 3. 20-Pin DIP/SOIC/SSOP Pin Identification
Pin No
Symbol
Function
Direction
1–3
P25–P27
Port 2, Bits 5,6,7
Input/Output
4
P07
Port 0, Bit 7
Input/Output
5VDD
Power Supply
6
XTAL2
Crystal Oscillator Clock
Output
7
XTAL1
Crystal Oscillator Clock
Input
8–10
P31–P33
Port 3, Bits 1,2,3
Input
11,12
P34, P36
Port 3, Bits 4,6
Output
13
P00/Pref1/P30 Port 0, Bit 0/Analog reference input
Port 3, Bit 0
Input/Output for P00
Input for Pref1/P30
14
P01
Port 0, Bit 1
Input/Output
15
VSS
Ground
16–20
P20–P24
Port 2, Bits 0,1,2,3,4
Input/Output
P25
P26
P27
P07
VDD
XTAL2
XTAL1
P31
P32
P33
P24
P23
P22
P21
P20
Vss
P01
P00/Pref1/P30
P36
P34
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-Pin
DIP
SOIC
SSOP


Similar Part No. - ZLR16300H2001G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300H2001G ZILOG-ZLR16300H2001G Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
More results

Similar Description - ZLR16300H2001G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Maxim Integrated Produc...
MAXQ305 MAXIM-MAXQ305 Datasheet
1Mb / 29P
   Low-Voltage Microcontroller with Infrared Module
Rev 0; 10/12
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
logo
Freescale Semiconductor...
MK30DN512VYY10 FREESCALE-MK30DN512VYY10 Datasheet
469Kb / 2P
   Low-power MCUs with segment LCD
logo
STMicroelectronics
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com