Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLP128ICE01ZEMG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ZLP128ICE01ZEMG
Description  Low-Voltage ROM MCUs with Infrared Timers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ZLP128ICE01ZEMG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ZLP128ICE01ZEMG Datasheet HTML 2Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 3Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 4Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 5Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 6Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 7Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 8Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 9Page - Maxim Integrated Products ZLP128ICE01ZEMG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
19-4622; Rev 0; 5/09
Architectural Overview
Crimzon® ZLR16300
Product Specification
2
The additional features include:
Low power consumption–5 mW (typical)
Three standby modes:
STOP—1.3
A (typical)
HALT—0.5 mA (typical)
Low-voltage reset
Special architecture to automate both generation and reception of complex pulses or
signals:
One programmable 8-bit counter/timer with two capture registers and two load
registers
One programmable 16-bit counter/timer with one 16-bit capture register pair and
one 16-bit load register pair
Programmable input glitch filter for pulse reception
Six priority interrupts
Three external
Two assigned to counter/timers
One low-voltage detection interrupt
Low-Voltage Detection and High-Voltage Detection Flags
Programmable Watchdog Timer (WDT)
Power-On Reset (POR)
Two independent comparators with programmable interrupt polarity
Selectable pull-up transistors on ports 0, 2, and 3
Mask options
Port 0: 0–3 pull-ups
Port 0: 4–7 pull-ups
Port 2: 0–7 pull-ups
Port 3: 0–3 pull-ups
Watchdog Timer at Power-On Reset
Power connections use the conventional descriptions listed in Table 2.
Table 2. Power Connections
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS


Similar Part No. - ZLP128ICE01ZEMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLP128ICE01ZEMG MAXIM-ZLP128ICE01ZEMG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZLP128ICE01ZEMG MAXIM-ZLP128ICE01ZEMG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZLP128ICE01ZEMG ZILOG-ZLP128ICE01ZEMG Datasheet
1Mb / 99P
   Low power consumption??1 mW
More results

Similar Description - ZLP128ICE01ZEMG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLR16300 ZILOG-ZLR16300 Datasheet
1Mb / 94P
   Z8 Low Voltage ROM MCUs with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Maxim Integrated Produc...
MAXQ305 MAXIM-MAXQ305 Datasheet
1Mb / 29P
   Low-Voltage Microcontroller with Infrared Module
Rev 0; 10/12
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
logo
Freescale Semiconductor...
MK30DN512VYY10 FREESCALE-MK30DN512VYY10 Datasheet
469Kb / 2P
   Low-power MCUs with segment LCD
logo
STMicroelectronics
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
   48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com