Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3057HN-252 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPZ3057HN-252
Description  AC Power Line Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3057HN-252 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPZ3057HN-252 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios,
PC’s, Facsimilies and Power Supply Applications
• UL940-V Recognized Materials
• Temperature Rise : 45°C Max.
• UL1446 Insulating System
• High Inductance Series
• 2000 Vrms Isolation
EPZ3057HN-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3057HN-XXX
Rev. -
11/7/02
1.9
2.5
3.7
5.8
6.1
7.8
8.7
9.4
15
18
22
36
54
87
Inductance
(mH Min.)
[Pins 1-2, 4-3]
4.0
3.5
3.0
2.7
2.4
2.2
2.0
1.8
1.6
1.5
1.3
1.0
0.8
0.6
Current Rating
(A rms Max.)
EPZ3057HN-192
EPZ3057HN-252
EPZ3057HN-372
EPZ3057HN-582
EPZ3057HN-612
EPZ3057HN-782
EPZ3057HN-872
EPZ3057HN-942
EPZ3057HN-153
EPZ3057HN-183
EPZ3057HN-223
EPZ3057HN-363
EPZ3057HN-543
EPZ3057HN-873
Part
Number
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Package
.433 ± .002
(11.00 ± .050)
.768 ± .002
(19.50 ± .050)
.047 Ø ± .004
(1.20 Ø ± .100)
1
2
4
3
Recommended PWB
Piercing Plan
..433 ± .020
(11.00 ± .500)
.157 ± .039
(4.00 ± 1.00)
.768 ± .020
(19.50 ± .500)
Marking :
PCA
EPZ3057HN-XXX
D.C.
.031 Ø ± .004
(.800 Ø ± .10)
1.260 ± .039
(32.00 ± 1.00)
.787 ± .039
(20.00 ± 1.00)
1.142 ± .039
(29.00 ± 1.00)
Impedance Characteristics
10
1
KHz
10
KHz
100
KHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
100
mH
33
mH
1.8
mH
8.2
mH


Similar Part No. - EPZ3057HN-252

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3057HN-252 PCA-EPZ3057HN-252 Datasheet
2Mb / 64P
   AC Power Line Chokes
More results

Similar Description - EPZ3057HN-252

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3040V-152 PCA-EPZ3040V-152_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3044H-182 PCA-EPZ3044H-182_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3053N-142 PCA-EPZ3053N-142 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3032-470 PCA-EPZ3032-470_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3041V-222 PCA-EPZ3041V-222_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3064-XXX PCA-EPZ3064-XXX Datasheet
50Kb / 1P
   AC Power Line Choke
EPZ3064-XXX PCA-EPZ3064-XXX_15 Datasheet
54Kb / 1P
   AC Power Line Choke
EPZ3065-XXX PCA-EPZ3065-XXX Datasheet
49Kb / 1P
   AC Power Line Choke
EPZ3033-560 PCA-EPZ3033-560_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3037V-821 PCA-EPZ3037V-821_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3045H-561 PCA-EPZ3045H-561_09 Datasheet
53Kb / 1P
   AC Power Line Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com