Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPZ3058-183 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPZ3058-183
Description  AC Power Line Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3058-183 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPZ3058-183 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios,
PC’s, Facsimilies and Power Supply Applications
• Applicable Frequency : 0.1 MHz to 10 MHz
• Low Profile In Vertical Core Layout
• UL940-V Recognized Materials
• UL1446 Insulating System
• 2-Section Bobbin
EPZ3058-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3058-XXX
Rev. -
11/18/02
0.9
1.8
4.5
7.2
9.0
18
27
Inductance
(mH Min.)
[Pins 1-2, 4-3]
2.0
1.6
1.0
0.8
0.7
0.5
0.4
Current Rating
(A rms Max.)
EPZ3058-901
EPZ3058-182
EPZ3058-452
EPZ3058-722
EPZ3058-902
EPZ3058-183
EPZ3058-273
Part
Number
Package
.394 ± .002
(10.00 ± .050)
.512 ± .002
(13.00 ± .050)
.047 Ø ± .004
(1.20 Ø ± .100)
Recommended PWB
Piercing Plan
1
2
4
3
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Marking :
PCA
EPZ3058-XXX
D.C.
.866 Max.
(22.00)
.394 ± .020
(10.00 ± .500)
.669 Max.
(17.00)
.748 Max.
(19.00)
.157 ± .039
(4.00 ± 1.00)
4
32
1
.031 Ø
Max.
(.800 Ø)
.512 ± .020
(13.00 ± .500)
Impedance Characteristics
10
.01
MHz
0.1
MHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
30 mH
20 mH
10 mH
8 mH
5 mH
2 mH
1 mH
Pin 1 I.D.
• Isolation : 2000 Vrms • Temperature Rise : 45°C Max. •


Similar Part No. - EPZ3058-183

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3058-183 PCA-EPZ3058-183 Datasheet
2Mb / 64P
   AC Power Line Chokes
More results

Similar Description - EPZ3058-183

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3040V-152 PCA-EPZ3040V-152_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3044H-182 PCA-EPZ3044H-182_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3053N-142 PCA-EPZ3053N-142 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3032-470 PCA-EPZ3032-470_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3041V-222 PCA-EPZ3041V-222_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3064-XXX PCA-EPZ3064-XXX Datasheet
50Kb / 1P
   AC Power Line Choke
EPZ3064-XXX PCA-EPZ3064-XXX_15 Datasheet
54Kb / 1P
   AC Power Line Choke
EPZ3065-XXX PCA-EPZ3065-XXX Datasheet
49Kb / 1P
   AC Power Line Choke
EPZ3033-560 PCA-EPZ3033-560_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3037V-821 PCA-EPZ3037V-821_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3045H-561 PCA-EPZ3045H-561_09 Datasheet
53Kb / 1P
   AC Power Line Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com