Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1212 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SX1212
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1212 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SX1212 Datasheet HTML 2Page - Semtech Corporation SX1212 Datasheet HTML 3Page - Semtech Corporation SX1212 Datasheet HTML 4Page - Semtech Corporation SX1212 Datasheet HTML 5Page - Semtech Corporation SX1212 Datasheet HTML 6Page - Semtech Corporation SX1212 Datasheet HTML 7Page - Semtech Corporation SX1212 Datasheet HTML 8Page - Semtech Corporation SX1212 Datasheet HTML 9Page - Semtech Corporation SX1212 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
SX1212
ADVANCED COMMUNICATIONS & SENSING
Rev 2 – June 18th, 2009
Page 6 of 77
www.semtech.com
1.2. Pin Diagram
The following diagram shows the pins arrangement of the QFN package, top view.
SX1212
Figure 2: SX1212 Pin Diagram
Notes:
yyww refers to the date code
------ refers to the lot number


Similar Part No. - SX1212

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
More results

Similar Description - SX1212

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF64W HOPE-RF64W Datasheet
2Mb / 76P
   Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Semtech Corporation
SM1212E433 SEMTECH-SM1212E433 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Samtec, Inc
SX1212-12SKA433 SAMTEC-SX1212-12SKA433 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
681Kb / 46P
   470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
   470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Microchip Technology
MRF89XA MICROCHIP-MRF89XA Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
10/10/17
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com