Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L004A-50PG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-50PG
Description  3V Only 4 Mbit Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-50PG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25L004A-50PG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ESMT
F25L004A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.6
1/30
Flash
3V Only 4 Mbit Serial Flash Memory
FEATURES
Single supply voltage 2.7~3.6V
Speed
- Read max frequency : 33MHz
- Fast Read max frequency : 50MHz; 75MHz; 100MHz
Low power consumption
- Active current : 40mA
- Standby current : 75μA
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte program time 7 μ s(typical)
Erase
- Chip erase time 4s(typical)
- Block erase time 1sec (typical)
- Sector erase time 90ms(typical)
Auto Address Increment (AAI) WORD Programming
- Decrease total chip programming time over
Byte-Program operations
SPI Serial Interface
- SPI Compatible : Mode 0 and Mode3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
Part No.
Speed
Package
COMMENTS
F25L004A -50PG
50MHz
8 lead
SOIC
150 mil
Pb-free
F25L004A -100PG 100MHz
8 lead
SOIC
150 mil
Pb-free
F25L004A -50PAG 50MHz
8 lead
SOIC
200 mil
Pb-free
Part No.
Speed
Package
COMMENTS
F25L004A –100PAG 100MHz
8 lead
SOIC
200 mil
Pb-free
F25L004A –50DG
50MHz
8 lead
PDIP
300 mil
Pb-free
F25L004A –100DG 100MHz
8 lead
PDIP
300 mil
Pb-free
GENERAL DESCRIPTION
The F25L004A is a 4 Megabit 3V only CMOS Serial Flash
memory device. ESMT’s memory devices reliably store memory
data even after 100,000 program and erase cycles.
The F25L004A features a sector erase architecture. The device
memory array is divided into 128 uniform sectors with 4K byte
each ; 8 uniform blocks with 64K byte each. Sectors can be
erased individually without affecting the data in other sectors.
Blocks can be erased individually without affecting the data in
other blocks. Whole chip erase capabilities provide the flexibility
to revise the data in the device.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.


Similar Part No. - F25L004A-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L004A-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com