Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L004A-100PIG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-100PIG
Description  3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-100PIG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L004A-100PIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PIG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ESMT
F25L004A
Operation Temperature Condition -40 C
° ~85 C
°
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2009
Revision: 1.3
8/33
Status Register
The software status register provides status on whether the flash
memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the status register may be read only to determine the completion
of an operation in progress.
Table 4 describes the function of each bit in the software status
register.
TABLE 4: SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 2)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 2)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 2)
1
R/W
5
RESERVED Reserved for future use
0
N/A
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0
R
7
BPL
1 = BP2,BP1,BP0 are read-only bits
0 = BP2,BP1,BP0 are read/writable
0
R/W
Note1 : Only BP0,BP1,BP2 and BPL are writable
Note2 : All register bits are volatility
Note3 : All area are protected at power-on (BP2=BP1=BP0=1)
Busy
The Busy bit determines whether there is an internal Erase or
Program operation in progress. A “1” for the Busy bit indicates
the device is busy with an operation in progress. A “0” indicates
the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the internal
memory Write Enable Latch. If the Write-Enable-Latch bit is set to
“1”, it indicates the device is Write enabled. If the bit is set to “0”
(reset), it indicates the device is not Write enabled and does not
accept any memory Write (Program/ Erase) commands. The
Write-Enable-Latch bit is automatically reset under the following
conditions:
Power-up
Write-Disable (WRDI) instruction completion
Byte-Program instruction completion
Auto Address Increment (AAI) programming reached its
highest memory address
Sector-Erase instruction completion
Block-Erase instruction completion
Chip-Erase instruction completion
Write-Status-Register instructions


Similar Part No. - F25L004A-100PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-100PAG ESMT-F25L004A-100PAG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-100PAG ESMT-F25L004A-100PAG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L004A-100PG ESMT-F25L004A-100PG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-100PG ESMT-F25L004A-100PG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25L004A-100PIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25S004A ESMT-F25S004A Datasheet
489Kb / 33P
   2.5V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com