Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500T010J21H07 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500T010J21H07
Description  Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500T010J21H07 Datasheet(HTML) 1 Page - Glenair, Inc.

  500T010J21H07 Datasheet HTML 1Page - Glenair, Inc. 500T010J21H07 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-6
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
HOW TO ORDER 500-010 EMI BACKSHELLS
Series
Shell Finish
Connector
Size
Hardware Option
Cable Entry Code
EMI Band Strap Option
Top Entry
500T010
Side Entry
500S010
45° Entry
500E010
Dual 45°
500D010
E
Chem Film
(Alodyne)
J
Cadmium, Yellow
Chromate
M
Electroless
Nickel
NF Cadmium,
Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
B Fillister Head
Jackscrew
H Hex Head
Jackscrew
E Extended
Jackscrew
(Not for 45° Entry)
F Jackpost,
Female
04 .125 (3.2)
05 .156 (4.0)
06 .188 (4.8)
07 .219 (5.6)
08 .250 (6.4)
09 .281 (7.1)
10 .312 (7.9)
11 .344 (8.7)
12 .375 (9.5)
Omit (Leave Blank)
Band Not Included
Use the following codes if
you want the band strap
included with the connector.
For best availability, order
band separately.
Standard Band
.250" Wide
B
– Uncoiled Band Included
K
– Coiled Band Included
Micro Band
.125" Wide
M
– Uncoiled Band Included
L
– Coiled Band Included
Sample Part Number
500T010
M
25
H
08
Micro-D Backshells
EMI, Banding, Round Cable Entry, One Piece 500-010
Glenair’s Most Popular Micro-D Backshell is stocked
in all sizes. Choose straight, side or 45° cable entry.
Maximum Cable Entry Code
Size
T
Top
Entry
E
45°
Entry
S
Side
Entry
D
Dual
45°
09
08
08
09
06
15
08
08
10
08
21
08
08
12
08
25
08
08
12
08
31
09
09
12
09
37
09
09
12
09
51
10
10
12
10
51-2
09
09
12
09
67
09
09
12
09
69
10
10
12
10
100
12
12
12
12
17-7PH Stainless Steel Clips attach the
backshell to the connector. These backshells
accept standard and micro BAND-IT® shield
termination straps.
Rugged One-Piece Aluminum shell with stainless steel
hardware, available in standard nickel plating, or choose
optional finishes.
10
11


Similar Part No. - 500T010J21H07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T010J21H04 GLENAIR-500T010J21H04 Datasheet
320Kb / 2P
   EMI/RFI Micro-D Banding Backshell and Round Cable Entry
More results

Similar Description - 500T010J21H07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
500T011E09B04 GLENAIR-500T011E09B04 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
   Micro-D Backshells Dual Entry EMI, One Piece 507-142
500-047-E09BB GLENAIR-500-047-E09BB Datasheet
97Kb / 1P
   Micro-D Backshells EMI, Elliptical, One Piece 500-047
507T088XM09B04 GLENAIR-507T088XM09B04 Datasheet
359Kb / 2P
   Micro-D Backshells EMI, Composite, Round Cable Entry 507-088
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
500T010E09B04 GLENAIR-500T010E09B04_11 Datasheet
320Kb / 2P
   EMI/RFI Micro-D Banding Backshell and Round Cable Entry
507-145-E09B GLENAIR-507-145-E09B Datasheet
84Kb / 1P
   Micro-D Backshells EMI Split Backshell, Round Cable Entry 507-145
500T12-E09B GLENAIR-500T12-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500-016-E09BN4-06 GLENAIR-500-016-E09BN4-06 Datasheet
101Kb / 1P
   Micro-D Backshells Switching/Shorting, One Piece 500-016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com