Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507-171M09-BH Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 507-171M09-BH
Description  EMI/RFI Micro-D Banding Backshell Assembly with Eliptical Banding Porch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507-171M09-BH Datasheet(HTML) 2 Page - Glenair, Inc.

  507-171M09-BH Datasheet HTML 1Page - Glenair, Inc. 507-171M09-BH Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
C-37
CAGE Code 06324
Metric dimensions (mm) are indicated in parentheses
507-171
EMI/RFI Micro-D 45° Banding Backshell Assembly
with Eliptical Banding Porch
C
Dia
.320
(8.1)
.384
(9.8)
.448 (11.4)
.508 (12.9)
.542 (13.8)
.572 (14.2)
.638 (16.2)
.766 (19.5)
TABLE I: SHELL SIZE, CABLE ENTRY, BACKSHELL & CONNECTOR INTERFACE DIMENSIONS
A
Dim
.775 (19.7)
.925 (23.5)
1.075 (27.3)
1.175 (29.4)
1.325 (33.7)
1.475 (37.5)
1.425 (36.2)
2.160 (54.9)
B
Dim
.340
(8.6)
.340
(8.6)
.340
(8.6)
.340
(8.6)
.340
(8.6)
.340
(8.6)
.380
(9.7)
.430 (10.9)
D
Dia
.156 (4.0)
.188 (4.8)
.219 (5.6)
.250 (6.4)
.265 (6.7)
.281 (7.1)
.312 (7.9)
.375 (9.5)
F
Dim
.565 (14.5)
.715 (18.2)
.865 (22.0)
.965 (24.5)
1.115 (28.3)
1.265 (32.1)
1.215 (30.9)
1.800 (45.7)
E
Dim
.840 (21.3)
.890 (22.6)
.930 (23.6)
.980 (24.9)
1.000 (25.4)
1.020 (25.9)
1.070 (27.2)
1.160 (29.5)
Shell
Size
09
15
21
25
31
37
51
100
H
Thread
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
4-40 UNC-2A
G
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.194 (4.9)
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.


Similar Part No. - 507-171M09-BH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-178E0904BB GLENAIR-507-178E0904BB Datasheet
224Kb / 2P
   EMI/RFI Eliptical Split Shell Banding Backshell
507-178E0904BE GLENAIR-507-178E0904BE Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
507-178E0904BFF GLENAIR-507-178E0904BFF Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
224Kb / 2P
   EMI/RFI Eliptical Split Shell Banding Backshell
More results

Similar Description - 507-171M09-BH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500-047-E09BB GLENAIR-500-047-E09BB_11 Datasheet
193Kb / 1P
   EMI/RFI Eliptical Banding Backshell
507-178E0904BH GLENAIR-507-178E0904BH_11 Datasheet
224Kb / 2P
   EMI/RFI Eliptical Split Shell Banding Backshell
507S177B09B GLENAIR-507S177B09B Datasheet
315Kb / 2P
   EMI/RFI Micro-D Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
557-108M2 GLENAIR-557-108M2 Datasheet
135Kb / 2P
   EMI/RFI Banding Backshell Assembly
557398M GLENAIR-557398M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557T386M GLENAIR-557T386M Datasheet
127Kb / 2P
   EMI/RFI Banding Backshell Assembly
557-200M GLENAIR-557-200M Datasheet
237Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com