Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM309 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # ZM309
Description  CRYSTAL RESONATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZM309 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  ZM309 Datasheet HTML 1Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 2Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 3Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5. ENVIRONMENTAL SPECIFICATION
1) Temperature test
* Temperature cycling test
Conditions:
Steps of cycle
1) At -55℃,30 minutes
2) At +25℃,10 - 15 minutes
3) At +85℃,30 minutes
4) At +25℃,10 - 15 minutes
Number of cycles
3 times
Results:
Frequency and wave form of tested products must
remain within specifications.
* Low Temperature test
Conditions:
Temperature
-20℃±2℃
Length of test
96 hours
Results:
There should be no stain on surface of products.
Frequency and wave form of tested products must
remain within specifications.
2) Aging test
Conditions:
Temperature
+85℃±20℃
Length of test
96 hours
Results:
Deviation of frequency must be less than ±3ppm
3) Salt spray test
Conditions:
Temperature
+35℃±2℃
Length of test
48 hours
NaCI %
5%
Results:
There should be no stain on surface of products.
4) Humidity test
Conditions:
Temperature
+40℃±2℃
Relative humidity
90 - 95%
Length of test
96 hours
Results:
a. Insulation resistance must be 500 MΩ/100 Vac. minimum
b. Resistance and wave form must remain within specifications.


Similar Part No. - ZM309

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZM300-X FORMOSA-ZM300-X Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM300-X FORMOSA-ZM300-X Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZM300-X FRONTIER-ZM300-X Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZM300-Y FORMOSA-ZM300-Y Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM300-Y FORMOSA-ZM300-Y Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZM309

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
   CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
   CRYSTAL RESONATOR
logo
AEL Crystals Ltd
HC51U AEL-HC51U Datasheet
58Kb / 1P
   Crystal Resonator
logo
Shoulder Electronics Li...
49S SHOULDER-49S Datasheet
175Kb / 3P
   CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
   CRYSTAL RESONATOR
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
   CRYSTAL RESONATOR
TF38 SHOULDER-TF38 Datasheet
101Kb / 2P
   CRYSTAL RESONATOR
49U SHOULDER-49U Datasheet
86Kb / 3P
   CRYSTAL RESONATOR
SMD0705 SHOULDER-SMD0705 Datasheet
94Kb / 3P
   CRYSTAL RESONATOR
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
   QUARTZ CRYSTAL RESONATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com