Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTA_MT Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # ZTA_MT
Description  CERAMIC RESONATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZTA_MT Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  ZTA_MT Datasheet HTML 1Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 2Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 3Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
SHOULDER ELECTRONICS CO., LTD.
CERAMIC RESONATOR Data Sheet
PRODUCT 产 品:
CERAMIC RESONATOR
MODEL NO 型 号:
ZTA....MT
PREPARED 编 制:
Fengyu
CHECKED 审 核:
York
APPROVED 批 准:
DATE
日 期: 2007-01-25


Similar Part No. - ZTA_MT

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTA-MT ILSI-ZTA-MT Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTA-MT PETERMANN-ZTA-MT Datasheet
994Kb / 3P
   THT ZTA SERIES CERAMIC RESONATORS
logo
Shoulder Electronics Li...
ZTA-MT SHOULDER-ZTA-MT Datasheet
273Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 6.01-13.00MHZ.
logo
ILSI America LLC
ZTA-MT-20.000 ILSI-ZTA-MT-20.000 Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTA-MT-MX PETERMANN-ZTA-MT-MX Datasheet
911Kb / 3P
   THT ZTA SERIES CERAMIC RESONATORS
More results

Similar Description - ZTA_MT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com