Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTA_MT Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # ZTA_MT
Description  CERAMIC RESONATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZTA_MT Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  ZTA_MT Datasheet HTML 1Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 2Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 3Page - Shoulder Electronics Limited. ZTA_MT Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. Scope:
The specification is fit for ceramic resonator 6.01-13.00MHz.
2. Model Name:
Model Name
Customer’s part number
Customer’s spec number
ZTA…MT
3. Outside Dimensions:
3-1 Outsider: The mark is clear. The appearance is smooth, non-dirty & non-damage.
3-2 Outsider dimension:
4. Electrical Characteristics:
Characteristics
No.
Item
ZTA…MT
4-1
Oscillate Frequency (MHz)
6.01-13.00
4.2
Frequency Tolerance max
±0.5%
4.3
Resonant Impedance max(
Ω)
25
4.4
Built – in Capacitance (PF)
--
4.5
Insulate Resistance min(M
Ω)
100
4.6
Withstanding Voltage D.C(V)
100
max 5 sec
4.7
Voltage
1
 D.C Voltage max V
2
 Input Voltage max V
6
15Vp-p
4.8
Temp characteristics of Oscillate
frequency max
±0.3%
4.9
Operating Temp Range
-20 ~ +80
4.10
Storage Temp (
)
-55 ~ +85


Similar Part No. - ZTA_MT

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTA-MT ILSI-ZTA-MT Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTA-MT PETERMANN-ZTA-MT Datasheet
994Kb / 3P
   THT ZTA SERIES CERAMIC RESONATORS
logo
Shoulder Electronics Li...
ZTA-MT SHOULDER-ZTA-MT Datasheet
273Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 6.01-13.00MHZ.
logo
ILSI America LLC
ZTA-MT-20.000 ILSI-ZTA-MT-20.000 Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTA-MT-MX PETERMANN-ZTA-MT-MX Datasheet
911Kb / 3P
   THT ZTA SERIES CERAMIC RESONATORS
More results

Similar Description - ZTA_MT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com