Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527-016N03A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527-016N03A
Description  Split EMI/RFI Conical Ring Style Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527-016N03A Datasheet(HTML) 1 Page - Glenair, Inc.

  527-016N03A Datasheet HTML 1Page - Glenair, Inc. 527-016N03A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
G-4
CAGE Code 06324
527-016
Split EMI/RFI Conical Ring Style Backshell
for Cannon DPKA and DPKB Series Connectors
.813
(20.7)
A Typ.
B Typ.
C
D
C
D
.135 (3.4)
Cable
Range
Typ.
E
1.031 (26.2)
.969 (24.6)
Typ.
Backshell
Style B
Backshell
Style A
RFI/EMI Entry
Gasket Typ.
RFI/EMI
Backshell
Gasket Typ.
2.00 (50.8)
Typ.
2.65 (67.3)
Max Typ.
#4-40 UNC x 7/16
(4 Places) Typ.
Strain Relief
Style A
Strain Relief
Style M
Gland Nut
Style D
527-016 M 10 A 1 A M
Basic Part No.
Finish Symbol (Table III)
Dash No. (Table II)
Connector Symbol (Table I)
Strain Relief (Style A or D) or Gland Nut (Style M)
Backshell Style: A or B (Style B
Available on Connector Sym B Only)
1 = With RFI/EMI Gaskets,
2 = Without RFI/EMI Gaskets
Interface Gasket


Similar Part No. - 527-016N03A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B02 GLENAIR-527-015B02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B03 GLENAIR-527-015B03 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J01 GLENAIR-527-015J01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J02 GLENAIR-527-015J02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
More results

Similar Description - 527-016N03A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
501-001 GLENAIR-501-001 Datasheet
75Kb / 1P
   EMI/RFI Conical-Ring Type Split Backshell
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
550T001M GLENAIR-550T001M Datasheet
98Kb / 2P
   EMI/RFI D-Subminiature Split Backshell
507-145-E09B GLENAIR-507-145-E09B_11 Datasheet
170Kb / 1P
   EMI/RFI Split Shell Banding Backshell
557T108M GLENAIR-557T108M Datasheet
119Kb / 2P
   EMI/RFI D-Subminiature Split Backshell
527-142BLST GLENAIR-527-142BLST Datasheet
81Kb / 1P
   Solid TAG Ring EMI/RFI Backshell
507-178E0904BH GLENAIR-507-178E0904BH_11 Datasheet
224Kb / 2P
   EMI/RFI Eliptical Split Shell Banding Backshell
507-195M0902EG GLENAIR-507-195M0902EG Datasheet
158Kb / 2P
   EMI/RFI Micro-D Split Backshell Assembly
527280B GLENAIR-527280B Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
390AS052XM08 GLENAIR-390AS052XM08 Datasheet
371Kb / 2P
   Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com