Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-330HY-X-TD Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-330HY-X-TD
Description  Series 330 - 1206 with Lens High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-330HY-X-TD Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-330HY-X-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-330HY-X-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-330HY-X-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-330HY-X-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-330HY-X-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/06
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-330 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
2000
8000
Tape And Reel Packing


Similar Part No. - OLS-330HY-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330HYG OSA-OLS-330HYG Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
OLS-330HYG-X-TD OSA-OLS-330HYG-X-TD Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
OLS-330HYG-X-TU OSA-OLS-330HYG-X-TU Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
More results

Similar Description - OLS-330HY-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OIS-330885 OSA-OIS-330885 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 885-950 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-330BA460 OSA-OLS-330BA460 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens blue
OLS-330UW OSA-OLS-330UW Datasheet
148Kb / 5P
   Series 330 - 1206 with Lens white
OLS-330GB525 OSA-OLS-330GB525 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
OLS-152HY OSA-OLS-152HY Datasheet
132Kb / 5P
   Series 152 - 1206 - Bipolar monocolor High luminous intensity
OLS-250HY OSA-OLS-250HY Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com