Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-21Z-IW Datasheet(PDF) 1 Page - Vicor Corporation

Part # VE-21Z-IW
Description  DC-DC Converters 50 to 200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-21Z-IW Datasheet(HTML) 1 Page - Vicor Corporation

  VE-21Z-IW Datasheet HTML 1Page - Vicor Corporation VE-21Z-IW Datasheet HTML 2Page - Vicor Corporation VE-21Z-IW Datasheet HTML 3Page - Vicor Corporation VE-21Z-IW Datasheet HTML 4Page - Vicor Corporation VE-21Z-IW Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-200 DC-DC Converters 50 to 200 Watts
Rev. 2.9
Page 1 of 5
Set your site on VICOR at vicorpower.com
Features
RoHS compliant (VE-200)
Up to 50 W/in3
cULus, cTÜVus
Up to 90% efficiency
Size: 4.6" x 2.4" x 0.5"
(116,8 x 61,0 x 12,7mm)
Remote sense and current limit
OVP, thermal shutdown
Logic disable
Wide range output adjust
Compatible power booster modules
ZCS power architecture
Low noise FM control
CE Marked
Isolated output
Data Sheet
VI-200, VE-200
DC-DC Converters
50 to 200 Watts
Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of
“zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power
density, efficiency, noise performance, reliability and ease of use. Booster modules
(VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output
requirements. One or more boosters may be used to create synchronous arrays capable of
supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power
VI-J00 MiniMods.
Low Line
75%
Vin
2
3.3
5
5.2 5.5 5.8 6.5 7.5 10
12 13.8 15 18.5 24
28
36
40
48
52
72
85
95
Voltage
Max Power
Transient[b]
Designators
Z
Y
0
X
W
V
T
R
M
1
P
2
N
3
L
J
K
4
H
F
D
B
Nom. (Range)
12 (10-20)
n/a
22
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
24 (10-36)
n/a
n/a
V
--
X
Y
Y
Y
Y
Y
X
X
X
X
X
X
X
X
X
X
X
--
--
--
--
24 (21-32)
18
36
1
U
U
U
U
U
U
V
V
U
U
U
U
U
U
U
U
U
U
U
U
U
U
24 (18-36)
n/a
n/a
W
V
V
V
V
V
V
W
W
V
V
V
V
V
V
V
V
V
V
V
V
V
V
36 (21-56)
18
60
2
W
V
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
--
--
--
48 (42-60)
36
72
3
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
48 (36-76)
n/a
n/a
N
V
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
U
72 (55-100)
45
110
4
U
U
U
U
U
U
V
V
U
U
U
U
U
U
U
U
U
U
U
U
U
U
110 (66-160)
n/a
n/a
T
V
V
V
V
V
V
W
W
V
V
V
V
V
V
V
V
V
V
V
V
--
--
150 (100-200)
85
215
5
U
U
V
V
V
V
V
V
U
U
U
U
U
U
U
U
U
U
U
U
U
U
150 (100-375)
90
n/a
7
W
W
Y
Y
Y
Y
W
W
W
W
W
W
W
W
W
W
W
W
W
--
--
--
300 (200-400)
170
425
6
U
U
U
U
U
U
V
V
U
U
U
U
U
U
U
U
U
U
U
U
U
U
Part Numbering
Maximum Power Available for VI-2xx-xx
[a]
[a] For additional output power, “booster” modules are available. (VI-Bxx-xx)
[b] Transient voltage for 1 second.
Note: For additional
packaging options,
please see page 4.
Input
Output
Vout Designators
VI
2
6
1
C
W
Family
Series
Input
Output
Grade
Power
VI = Non-RoHS
2 = 200
0 = 12 V
N = 48 V
Z = 2 V
M = 10 V
K = 40 V
E = –10 to 85°C
≥ 5 V
< 5 V
VE = RoHS
B = Booster
V = 24 V
4 = 72 V
Y = 3.3 V
1 = 12 V
4 = 48 V
C = –25 to 85°C
U = 200 W
U = 40 A
1 = 24 V
T = 110 V
0 = 5 V
P = 13.8 V
H = 52 V
I = – 40 to 85°C
V = 150 W
V = 30 A
W = 24 V
5 = 150 V
X = 5.2 V
2 = 15 V
F = 72 V
M = –55 to 85°C
W = 100 W
W = 20 A
2 = 36 V
6 = 300 V
W = 5.5 V
N = 18.5 V
D = 85 V
X = 75 W
X = 15 A
3 = 48 V
7 = 150/300 V
V = 5.8 V
3 = 24 V
B = 95 V
Y = 50 W
Y = 10 A
T = 6.5 V
L = 28 V
R = 7.5 V
J = 36 V


Similar Part No. - VE-21Z-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VE-200 VICOR-VE-200 Datasheet
203Kb / 5P
   The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
More results

Similar Description - VE-21Z-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com