Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-J1X-IY Datasheet(PDF) 1 Page - Vicor Corporation

Part # VE-J1X-IY
Description  Half Brick DC-DC Converters 25 to 100 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-J1X-IY Datasheet(HTML) 1 Page - Vicor Corporation

  VE-J1X-IY Datasheet HTML 1Page - Vicor Corporation VE-J1X-IY Datasheet HTML 2Page - Vicor Corporation VE-J1X-IY Datasheet HTML 3Page - Vicor Corporation VE-J1X-IY Datasheet HTML 4Page - Vicor Corporation VE-J1X-IY Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 1 of 5
Set your site on VICOR at vicorpower.com
Product Highlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC converters.
This “junior” size complement to the higher power VI-200 family offers up to 100 W of isolated
and regulated power in a board mounted package. With thousands of input/output/power
combinations, and with a maximum operating temperature rating of 100˚C, the MiniMod
provides nearly unlimited flexibiliy for power system designers to meet demanding time to
market requirements.
Utilizing Vicor’s “zero-current-switching” forward converter technology, proven by an installed
base of over 8 million units, the MiniMod family combines state of the art power density with
the efficiency, low noise and reliability required by next generation power systems.
Features
RoHS compliant (VE versions)
Up to 50 Watts per cubic inch
cULus, cTÜVus
CE Marked
Up to 90% efficiency
Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7)
Remote sense and current limit
Logic disable
Wide range output adjust
ZCS power architecture
Low noise FM control
Isolated output
Data Sheet
VI-J00, VE-J00
Half Brick
DC-DC Converters
25 to 100 Watts
Low Line
Voltage
75%
Transient[a]
Vin
2
3.3
5
5.2 5.5 5.8 6.5 7.5 10
12 13.8 15 18.5 24 28
36
40
48
52
72 85
95
Nom. (Range)
Max Power
Designators
ZY
0
X
W
V
T
R
M1
P
2
N
3
L
J
K
4
H
F
D
B
12 (10-20)
n/a
22
0
X
X
Y
Y
Y
Y
Y
Y
XX
XXX
X
X
X
X
XX
X
X
X
24 (10-36)
n/a
n/a
V
--
Y
Y
Y
Y
Y
Y
YY
Y
Y
Y
Y
YY
Y
Y
Y
--
------
24 (21-32)
18
36
1
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
24 (18-36)
n/a
n/a
W
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
36 (21-56)
18
60
2
Y
Y
Y
Y
Y
Y
Y
Y
XX
XXX
X
X
X
X
XX
--
--
--
48 (42-60)
36
72
3
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
48 (36-76)
n/a
n/a
N
W
W
X
X
X
X
X
X
WW
WWW
W
WW
W
W
W
W
W
W
72 (55-100)
45
110
4
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
110 (66-160)
n/a
n/a
T
W
W
X
X
X
X
X
X
WW
WWW
W
WW
W
W
W
W
--
--
150 (100-200)
85
215
5
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
150 (100-375)
90
n/a
7
Y
Y
Y
Y
Y
Y
Y
Y
XX
XXX
X
X
X
X
XX
--
--
--
300 (200-400)
170
425
6
W
W
W
W
WW
X
X
W
W
W
W
W
W
W
W
WW
W
W
WW
VI
J
6
1
C
W
Family
Series
Input
Output
Grade
Power
VI = Non-RoHS
J =J00
0 = 12 V
N =48 V
Z =2 V
M =10 V
K =40 V
E = –10 to 100°C
≥ 5 V
<5
VE = RoHS
V = 24 V
4 =72 V
Y =3.3 V
1 =12 V
4 =48 V
C = –25 to 100°C
W = 100 W
W = 20 A
1 =24 V
T = 110 V
0 =5 V
P = 13.8 V
H =52 V
I = – 40 to 100°C
X = 75 W
X = 15 A
W =24 V
5 = 150 V
X =5.2 V
2 =15 V
F =72 V
M = –55 to 100°C
Y = 50 W
Y = 10 A
2 =36 V
6 = 300 V
W =5.5 V
N = 18.5 V
D =85 V
Z = 25 W
Z =5 A
3 =48 V
7 = 150/300 V
V =5.8 V
3 =24 V
B =95 V
T =6.5 V
L =28 V
R =7.5 V
J =36 V
Part Numbering
[a] Transient voltage for 1 second.
Vout Designators
Output
Input
Maximum Power Available for VI-Jxx-xx
Note: For additional
packaging options,
please see page 4.


Similar Part No. - VE-J1X-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J00 VICOR-VE-J00 Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results

Similar Description - VE-J1X-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com