Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527-128NF02R Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527-128NF02R
Description  Solid G-Spring EMI/RFI Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527-128NF02R Datasheet(HTML) 1 Page - Glenair, Inc.

  527-128NF02R Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
G-12
CAGE Code 06324
527-128
Solid G-Spring EMI/RFI Backshell for
Cannon DPXA Series Connectors
527-128 M 01 L
Basic Part No.
Finish Symbol (Table II)
Dash No. (Table I, Note 2)
Entry Location:
L = Left Entry
R = Right Entry
T = Top Entry
Dash
No.
01
02 *
TABLE I: CABLE ENTRY
A
Max
.968 (24.6)
1.218 (30.9)
Min
.156
(4.0)
.375
(9.5)
Max
.375
(9.5)
.625 (15.9)
Cable Range
* See Note 2
1.734
(44.0)
Max
1.00
(25.4)
Max
Typ.
Right
Entry
Left
Entry
RFI/EMI Gasket
1.50
(38.1)
.02 (.5)
1.195
(30.4)
Max
1.468 (37.3)
Cable Range Typ.
A
Typ.
Top
Entry
.407
(10.3)
1. Metric dimensions (mm) are
indicated in parentheses.
2. Dash No. 02 available with top
entry only.
3. Material/Finish:
Backshell and Clamp =
Al Alloy/Table II
G-Spring and Hardware =
SST/Passivate
Friction Washer = Teflon/N.A.
EMI/RFI Gasket = Metalastic/
N.A.
Symbol
B
J
M
N
NF
T
TABLE II - FINISH OPTIONS
Finish
Cadmium Plate, Olive Drab
Iridite, Gold Over Cadmium Plate over Nickel
Electroless Nickel
Cadmium Plate, Olive Drab, Over Nickel
Cadmium Plate, Olive Drab, Over Electroless
Nickel (500 Hour Salt Spray)
Cadmium Plate, Bright Dip Over Nickel
(500 Hour Salt Spray)


Similar Part No. - 527-128NF02R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-126BP1A3 GLENAIR-527-126BP1A3 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-126BP1A4 GLENAIR-527-126BP1A4 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-126BP1A5 GLENAIR-527-126BP1A5 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-126BP1A6 GLENAIR-527-126BP1A6 Datasheet
56Kb / 2P
   Strain Relief Backshell
527-126BP2A3 GLENAIR-527-126BP2A3 Datasheet
56Kb / 2P
   Strain Relief Backshell
More results

Similar Description - 527-128NF02R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
463GH003M11 GLENAIR-463GH003M11 Datasheet
84Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA001M08 GLENAIR-463AA001M08 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA002M08 GLENAIR-463AA002M08 Datasheet
63Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
460AA001M08 GLENAIR-460AA001M08 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460GH003M11 GLENAIR-460GH003M11 Datasheet
89Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
507-003 GLENAIR-507-003 Datasheet
99Kb / 1P
   RFI/EMI G-Spring Backshell for MIL-C-81659 Connectors
460AH011M08 GLENAIR-460AH011M08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AA002M08 GLENAIR-460AA002M08 Datasheet
70Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
550T008M GLENAIR-550T008M Datasheet
85Kb / 2P
   EMI/RFI D-Subminiature Split Backshell G-Spring Shield Termination
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com