Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA-3E12UW Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BA-3E12UW
Description  hi-eff red chips, which are made from GaAsP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-3E12UW Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BA-3E12UW Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-3E12UW Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-3E12UW Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--3
3E
E1
12
2U
UW
W
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
1.9
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
9.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
640
-
nm
Dominant Wave Length
λ
d
IF=10mA
626
-
636
nm
Spectral Line Half-width
∆λ
IF=10mA
-
40
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BA-3E12UW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
BA-30TA-S ASM-SENSOR-BA-30TA-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TC ASM-SENSOR-BA-30TC Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TV-S ASM-SENSOR-BA-30TV-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
logo
Molex Electronics Ltd.
BA-331 MOLEX4-BA-331 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
logo
BRIGHT LED ELECTRONICS ...
BA-3D12UW BRIGHT-BA-3D12UW Datasheet
149Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Similar Description - BA-3E12UW

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E544RE BRIGHT-BD-E544RE Datasheet
192Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-2E2UW BRIGHT-BA-2E2UW Datasheet
213Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-E524RD BRIGHT-BD-E524RD Datasheet
227Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-E324RD BRIGHT-BD-E324RD Datasheet
287Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-8E9UW BRIGHT-BA-8E9UW Datasheet
226Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-F304RD BRIGHT-BD-F304RD Datasheet
243Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com