Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-B2Y-CY Datasheet(PDF) 2 Page - Vicor Corporation

Part # VE-B2Y-CY
Description  DC-DC Converters 50 to 200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-B2Y-CY Datasheet(HTML) 2 Page - Vicor Corporation

  VE-B2Y-CY Datasheet HTML 1Page - Vicor Corporation VE-B2Y-CY Datasheet HTML 2Page - Vicor Corporation VE-B2Y-CY Datasheet HTML 3Page - Vicor Corporation VE-B2Y-CY Datasheet HTML 4Page - Vicor Corporation VE-B2Y-CY Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-200 DC-DC Converters 50 to 200 Watts
Rev. 2.9
Page 2 of 5
Set your site on VICOR at vicorpower.com
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Inrush charge
120 x 10
-6
120 x 10
-6
200 x 10
-6
Coulombs
Nominal line
Input reflected
10%
10%
IIN
Nominal line, full load
ripple current – pp
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Gate out impedance
50
50
Ohms
Gate in impedance
1000
1000
Ohms
Gate in open circuit voltage
6
6
Volts
Use open collector
Gate in low threshold
0.65
0.65
Volts
Gate in low current
6
6
mA
Power sharing accuracy
0.95
1.05
0.95
1.05
VI-200 E-Grade
VI-200 C-, I-, M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Setpoint accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
Load/line regulation
1%
0.2%
0.5%
VNOM
LL to HL, No Load to 10%
Output temperature drift
0.02
0.01
0.02
% / °C
Over rated temp.
Long term drift
0.02
0.02
%/1K hours
Output ripple – pp:
2 V, 3.3 V
150
60
100
mV
20 MHz bandwidth
5 V
5%
2%
3%
VNOM
20 MHz bandwidth
10 – 95 V
3%
0.75%
1.5%
VNOM
20 MHz bandwidth
Trim range[a]
50%
110%
50%
110%
VNOM
Total remote
0.5
0.5
Volts
0.25 V max. neg. leg
sense compensation
OVP set point
125%[b]
115%
125%[b]
135%
VNOM
Recycle power
Current limit
105%
135%
105%
125%
INOM
Automatic restart
Short circuit current [c]
20%
140%
20%
130%
INOM
CONVERTER SPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
25 + 20 Log
(Vin )
Vout
30 + 20 Log
(Vin )
Vout
20 + 20 Log
(Vin )
Vout
[a] 10 V, 12 V, 13.8 V, 15 V outputs, or “V” input range have standard trim range ±10%. Consult factory for wider trim range.
3.3 V output trim range 2.20 to 3.63 V, 95 V output –50 + 0% trim range.
[b] 131% nominal for booster modules.
[c] Output voltages of 3.3 V or 5 V incorporate foldback current limiting; For output voltages from 5.2 V to 7.5 V consult factory; All other outputs provide constant current limiting.
INPUT SPECIFICATIONS
OUTPUT CHARACTERISTICS
CONTROL PIN SPECIFICATIONS


Similar Part No. - VE-B2Y-CY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-B31-CU-BM VICOR-VE-B31-CU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
VE-B31-EU-BM VICOR-VE-B31-EU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
VE-B31-IU-BM VICOR-VE-B31-IU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
VE-B31-MU-BM VICOR-VE-B31-MU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
VE-B33-CU-BM VICOR-VE-B33-CU-BM Datasheet
241Kb / 3P
   Battery Charger Current Source Modules
More results

Similar Description - VE-B2Y-CY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com