Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3009 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 1N3009
Description  10 WATT ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N3009 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N3009 Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N3009

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3009 MICROSEMI-1N3009 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3009 NJSEMI-1N3009 Datasheet
84Kb / 1P
   Ref/Reg Diode, 5W < P(D) S 10W
1N3009 NJSEMI-1N3009 Datasheet
291Kb / 2P
   ZENER DIODES
logo
America Semiconductor, ...
1N3009 AMERICASEMI-1N3009 Datasheet
1,019Kb / 2P
   10W Zener Diodes
1N3009 AMERICASEMI-1N3009 Datasheet
1Mb / 2P
   Glass passivated junction
More results

Similar Description - 1N3009

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com