Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-336HY-X-TU Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-336HY-X-TU
Description  Series 336 - with Lens - low current High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-336HY-X-TU Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-336HY-X-TU Datasheet HTML 1Page - OSA Opto Light GmbH OLS-336HY-X-TU Datasheet HTML 2Page - OSA Opto Light GmbH OLS-336HY-X-TU Datasheet HTML 3Page - OSA Opto Light GmbH OLS-336HY-X-TU Datasheet HTML 4Page - OSA Opto Light GmbH OLS-336HY-X-TU Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- with lens, mounting from backside of PCB
- view angle 40°
- size 1206: 3,2(L) x 1,6(W) x 1,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- taping: face-up (TU) or face-down (TD) possible- high luminous intensity types
- on request sorted in color classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
50
5
100
450
-40...105
-55...105
-40
-20
0
20
40
60
80
100
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-336 HY
OLS-336 SUD
OLS-336 HD
OLS-336 HSD
OLS-336 HR
hyper yellow
super orange
hyper orange
hyper TSN red
hyper red
cathode
cathode
cathode
cathode
cathode
2
2
2
2
2
1,9
1,9
1,9
2,0
1,9
2,6
2,6
2,6
2,6
2,6
590
605
615
625
632
21
21
21
21
14
50
45
50
40
28
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 336 - with Lens - low current
High luminous intensity
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-336HY-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-336HYG-X-TD OSA-OLS-336HYG-X-TD Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-336HYG-X-TU OSA-OLS-336HYG-X-TU Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
More results

Similar Description - OLS-336HY-X-TU

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-176HY OSA-OLS-176HY Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-336R OSA-OLS-336R Datasheet
129Kb / 5P
   Series 336 - with Lens - low current low cost
OLS-216HY OSA-OLS-216HY Datasheet
128Kb / 5P
   Series 216 - side view - low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com