Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL147F Datasheet(PDF) 7 Page - Motorola, Inc

Part # BUL147F
Description  POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUL147F Datasheet(HTML) 7 Page - Motorola, Inc

Back Button BUL147F Datasheet HTML 2Page - Motorola, Inc BUL147F Datasheet HTML 3Page - Motorola, Inc BUL147F Datasheet HTML 4Page - Motorola, Inc BUL147F Datasheet HTML 5Page - Motorola, Inc BUL147F Datasheet HTML 6Page - Motorola, Inc BUL147F Datasheet HTML 7Page - Motorola, Inc BUL147F Datasheet HTML 8Page - Motorola, Inc BUL147F Datasheet HTML 9Page - Motorola, Inc BUL147F Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUL147 BUL147F
3–7
Motorola Bipolar Power Transistor Device Data
0.01
t, TIME (ms)
Figure 20. Typical Thermal Response (Z
θJC(t)) for BUL147
R
θJC(t) = r(t) RθJC
R
θJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.02
0.1
D = 0.5
SINGLE PULSE
0.01
0.1
1
10
100
1000
0.1
1
0.01
t, TIME (ms)
Figure 21. Typical Thermal Response (Z
θJC(t)) for BUL147F
R
θJC(t) = r(t) RθJC
R
θJC = 2.78°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.02
0.1
D = 0.5
SINGLE PULSE
0.01
0.1
1
10
100
100000
0.1
1
1000
10000
0.05
0.05
TYPICAL THERMAL RESPONSE


Similar Part No. - BUL147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL147F ONSEMI-BUL147F Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
More results

Similar Description - BUL147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL147 ONSEMI-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
1995 REV 1
logo
Motorola, Inc
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com