Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCL-400MW-XD-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OCL-400MW-XD-T
Description  Series 400 - Ceramics white
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCL-400MW-XD-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OCL-400MW-XD-T Datasheet HTML 1Page - OSA Opto Light GmbH OCL-400MW-XD-T Datasheet HTML 2Page - OSA Opto Light GmbH OCL-400MW-XD-T Datasheet HTML 3Page - OSA Opto Light GmbH OCL-400MW-XD-T Datasheet HTML 4Page - OSA Opto Light GmbH OCL-400MW-XD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 12/07
© 2007
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OCL-400
?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OCL-400MW-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCL-400MSD-X-T OSA-OCL-400MSD-X-T Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400MY OSA-OCL-400MY Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400MY-X-T OSA-OCL-400MY-X-T Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
More results

Similar Description - OCL-400MW-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCL-400BA460 OSA-OCL-400BA460 Datasheet
152Kb / 5P
   Series 400 - Ceramics blue
OCL-400GB525 OSA-OCL-400GB525 Datasheet
151Kb / 5P
   Series 400 - Ceramics green
OCU-400UE400 OSA-OCU-400UE400 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
OCU-400UA375 OSA-OCU-400UA375 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
OCL-400OWT OSA-OCL-400OWT Datasheet
478Kb / 7P
   Serie 400 - Ceramics
OCL-400EW OSA-OCL-400EW Datasheet
183Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400EB460 OSA-OCL-400EB460 Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
OCL-400MY OSA-OCL-400MY Datasheet
154Kb / 5P
   Series 400 - Ceramics thin film technology
logo
Adels-Contact
14845440 ADELS-14845440 Datasheet
118Kb / 1P
   AC 164 ALSB/415 400 white
09/12/2019
16315440 ADELS-16315440 Datasheet
121Kb / 2P
   AC 166 ALCGS/415 400 white
15/11/2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com