Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCU-440UE365 Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OCU-440UE365
Description  Series 440 - Ceramics High Power UV - LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCU-440UE365 Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OCU-440UE365 Datasheet HTML 1Page - OSA Opto Light GmbH OCU-440UE365 Datasheet HTML 2Page - OSA Opto Light GmbH OCU-440UE365 Datasheet HTML 3Page - OSA Opto Light GmbH OCU-440UE365 Datasheet HTML 4Page - OSA Opto Light GmbH OCU-440UE365 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 03/09
© 2009
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OCU-440 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved. Due to technical requirements components may contain dangerous
substances. The data sheet may changed without prior information; the valid issue will be on our webpage in
internet.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. OSA opto light does not have the responsibility for the reliability
and the degradation behaviour of products made with OSA opto light diodes because they depend not
only on the diode but also on the conditions of manufacture or design of the final products.
Packaging: Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
500
2000
Tape And Reel Packing


Similar Part No. - OCU-440UE365

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-440UE380 OSA-OCU-440UE380 Datasheet
259Kb / 8P
   Ceramic ??High Power
OCU-440UE390 OSA-OCU-440UE390 Datasheet
226Kb / 8P
   devices are ROHS and REACH conform
More results

Similar Description - OCU-440UE365

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCU-400UE400 OSA-OCU-400UE400 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
OCU-400UA375 OSA-OCU-400UA375 Datasheet
159Kb / 5P
   Series 400 - Ceramics UV - LED
logo
Roithner LaserTechnik G...
VL410-EMITTER ROITHNER-VL410-EMITTER Datasheet
694Kb / 3P
   uv high power led
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
VL390-5050 ROITHNER-VL390-5050 Datasheet
284Kb / 5P
   High Power UV LED
VL400-5050 ROITHNER-VL400-5050 Datasheet
284Kb / 5P
   High Power UV LED
SMB1N-375V-02 ROITHNER-SMB1N-375V-02 Datasheet
750Kb / 4P
   uv high power led
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
RLCU-440 ROITHNER-RLCU-440 Datasheet
400Kb / 4P
   High Power UV-LED
RLCU-440-400 ROITHNER-RLCU-440-400 Datasheet
668Kb / 5P
   high power uv led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com