Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L008A-50PAG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L008A-50PAG
Description  8Mbit (1Mx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L008A-50PAG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L008A-50PAG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L008A-50PAG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ESMT
F25L008A
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.6
9/32
Instructions
Instructions are used to Read, Write (Erase and Program), and
configure the F25L008A. The instruction bus cycles are 8 bits
each for commands (Op Code), data, and addresses. Prior to
executing any Byte-Program, Sector-Erase, Block-Erase, or
Chip-Erase instructions, the Write-Enable (WREN) instruction
must be executed first. The complete list of the instructions is
provided in Table 5. All instructions are synchronized off a high to
low transition of CE . Inputs will be accepted on the rising edge
of SCK starting with the most significant bit. CE must be driven
low before an instruction is entered and must be driven high after
the last bit of the instruction has been shifted in (except for Read,
Read-ID and Read-Status-Register instructions). Any low to high
transition on CE , before receiving the last bit of an instruction
bus cycle, will terminate the instruction in progress and return the
device to the standby mode.
Instruction commands (Op Code), addresses, and data are all
input from the most significant bit (MSB) first.
TABLE 5: DEVICE OPERATION INSTRUCTIONS
Bus Cycle
1
2
3
4
5
6
Cycle Type/
Operation
1,2
Max
Freq
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT SIN
SOUT
SIN
SOUT
Read
33 MHz
03H
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z
X
DOUT
High-Speed-Read
0BH
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z
X
X
X
DOUT
Sector-Erase
4,5 (4K Byte)
20H
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z
-
-
Block-Erase (64K Byte)
D8H
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z
-
-
Chip-Erase
6
60H
C7H
Hi-Z
-
-
-
-
-
-
-
-
Byte-Program
5
02H
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z DIN
Hi-Z
Auto-Address-Increment-wor
d programming (AAI)
ADH
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z DIN0
Hi-Z
DIN1 Hi-Z
Read-Status-Register
(RDSR)
05H
Hi-Z
X
DOUT
-
Note
7
-
Note
7
-
Note
7
Enable-Write-Status-Registe
r
(EWSR)
8
50H
Hi-Z
-
-
-
-
-
-
-
-
Write-Status-Register
(WRSR)
8
01H
Hi-Z
Data
Hi-Z
-
-
-.
-
-
-
Write-Enable (WREN)
11
06H
Hi-Z
-
-
-
-
-
-
-
-
Write-Disable (WRDI)
04H
Hi-Z
-
Read-Electronic-Signature
(RES)
ABH
Hi-Z
X
13H
-
-
-
-
-
-
Jedec-Read-ID (JEDEC-ID)
10
9FH
Hi-Z
X
8CH
X
20H
X
14H
-
-
90H (A0=0)
8CH
13H
Read-ID (RDID)
90H (A0=1)
Hi-Z A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0 Hi-Z
X
13H
X
8CH
Enable SO to output RY/BY#
Status during AAI (EBSY)
70H
Hi-Z
-
-
-
-
-
-
-
-
Disable
SO
to
output
RY/BY#
Status during AAI (DBSY)
50MHz
100MHz
80H
Hi-Z
-
-
-
-
-
-
-
-
1.
Operation: SIN = Serial In, SOUT = Serial Out
2.
X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary)
3.
One bus cycle is eight clock periods.
4.
Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH
5.
Prior to any Byte-Program, Sector-Erase , Block-Erase ,or Chip-Erase operation, the Write-Enable (WREN) instruction must be
executed.
6.
To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by the data to be
programmed.
7.
The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE .
8.
The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction
of each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both


Similar Part No. - F25L008A-50PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A-50PAG ESMT-F25L008A-50PAG Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L008A-50PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com