Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L08PA-50DG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA-50DG
Description  3V Only 8 Mbit Serial Flash Memory with Dual
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA-50DG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F25L08PA-50DG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08PA-50DG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ESMT
F25L08PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.7
3/32
PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing for serial input and
output operations
SI
Serial Data Input
To transfer commands, addresses or data
serially into the device.
Data is latched on the rising edge of SCK.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of
SCK.
CE
Chip Enable
To activate the device when CE is low.
WP
Write Protect
The Write Protect ( WP ) pin is used to
enable/disable BPL bit in the status
register.
HOLD
Hold
To temporality stop serial communication
with SPI flash memory without resetting
the device.
VDD
Power Supply
To provide power.
VSS
Ground
FUNCTIONAL BLOCK DIAGRAM
Address
Buffers
and
Latches
X-Decoder
Flash
Y-Decoder
I/O Butters
and
Data Latches
Serial Interface
Control Logic
CE
SCK
SI
WP
SO
HOLD


Similar Part No. - F25L08PA-50DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA-50DIG ESMT-F25L08PA-50DIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08PA-50DG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L16PA ESMT-F25L16PA Datasheet
475Kb / 33P
   3V Only 16 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com