Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L016A-100PAIG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L016A-100PAIG
Description  16Mbit (2Mx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L016A-100PAIG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  F25L016A-100PAIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L016A-100PAIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ESMT
F25L016A
Operation Temperature condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2008
Revision: 1.2
4/32
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A20
A19
A18
A17
A16
319
4KB
13F000H – 13FFFFH
:
:
:
19
304
4KB
130000H – 130FFFH
1
0
0
1
1
303
4KB
12F000H – 12FFFFH
:
:
:
18
288
4KB
120000H – 120FFFH
1
0
0
1
0
287
4KB
11F000H – 11FFFFH
:
:
:
17
272
4KB
110000H – 110FFFH
1
0
0
0
1
271
4KB
10F000H – 10FFFFH
:
:
:
16
256
4KB
100000H – 100FFFH
1
0
0
0
0
255
4KB
0FF000H – 0FFFFFH
:
:
:
15
240
4KB
0F0000H – 0F0FFFH
0
1
1
1
1
239
4KB
0EF000H – 0EFFFFH
:
:
:
14
224
4KB
0E0000H – 0E0FFFH
0
1
1
1
0
223
4KB
0DF000H – 0DFFFFH
:
:
:
13
208
4KB
0D0000H – 0D0FFFH
0
1
1
0
1
207
4KB
0CF000H – 0CFFFFH
:
:
:
12
192
4KB
0C0000H – 0C0FFFH
0
1
1
0
0
191
4KB
0BF000H – 0BFFFFH
:
:
:
11
176
4KB
0B0000H – 0B0FFFH
0
1
0
1
1
175
4KB
0AF000H – 0AFFFFH
:
:
:
10
160
4KB
0A0000H – 0A0FFFH
0
1
0
1
0
159
4KB
09F000H – 09FFFFH
:
:
:
9
144
4KB
090000H – 090FFFH
0
1
0
0
1
143
4KB
08F000H – 08FFFFH
:
:
:
8
128
4KB
080000H – 080FFFH
0
1
0
0
0


Similar Part No. - F25L016A-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L016A-100PAG ESMT-F25L016A-100PAG Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A-100PAG ESMT-F25L016A-100PAG Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results

Similar Description - F25L016A-100PAIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com