Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L16PA-100PG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L16PA-100PG
Description  3V Only 16 Mbit Serial Flash Memory with Dual
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L16PA-100PG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L16PA-100PG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ESMT
F25L16PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.4
6/33
Table 1: F25L16PA Sector Address Table – continued II
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A20
A19
A18
A17
A16
95
4KB
05F000H – 05FFFFH
:
:
:
5
80
4KB
050000H – 050FFFH
0
0
1
0
1
79
4KB
04F000H – 04FFFFH
:
:
:
4
64
4KB
040000H – 040FFFH
0
0
1
0
0
63
4KB
03F000H – 03FFFFH
:
:
:
3
48
4KB
030000H – 030FFFH
0
0
0
1
1
47
4KB
02F000H – 02FFFFH
:
:
:
2
32
4KB
020000H – 020FFFH
0
0
0
1
0
31
4KB
01F000H – 01FFFFH
:
:
:
1
16
4KB
010000H – 010FFFH
0
0
0
0
1
15
4KB
00F000H – 00FFFFH
:
:
:
0
0
4KB
000000H – 000FFFH
0
0
0
0
0
STATUS REGISTER
The software status register provides status on whether the flash
memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the status register may be read only to determine the completion
of an operation in progress. Table 2 describes the function of
each bit in the software status register.
Table 2: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 3)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 3)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 3)
1
R/W
5
RESERVED Reserved for future use
0
N/A
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Page Program mode
0
R
7
BPL
1 = BP2,BP1,BP0 are read-only bits
0 = BP2,BP1,BP0 are read/writable
0
R/W
Note:
1. Only BP0, BP1, BP2 and BPL are writable.
2. All register bits are volatility
3. All area are protected at power-on (BP2=BP1=BP0=1)


Similar Part No. - F25L16PA-100PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
More results

Similar Description - F25L16PA-100PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com