Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L16PA-100PAG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L16PA-100PAG
Description  3V Only 16 Mbit Serial Flash Memory with Dual
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L16PA-100PAG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25L16PA-100PAG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L16PA-100PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ESMT
F25L16PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.4
1/33
Flash
3V Only 16 Mbit Serial Flash Memory with Dual
FEATURES
Single supply voltage 2.7~3.6V
Standard, Dual SPI
Speed
- Read max frequency: 33MHz
- Fast Read max frequency: 50MHz; 100MHz
- Fast Read Dual max frequency: 50MHz / 100MHz
(100MHz / 200MHz equivalent Dual SPI)
Low power consumption
- Active current: 35 mA
- Standby current: 30 μ A
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Byte programming time: 7 μ s (typical)
- Page programming time: 1.5 ms (typical)
Erase
- Chip erase time 10 sec (typical)
- Block erase time 1 sec (typical)
- Sector erase time 90 ms (typical)
Page Programming
- 256 byte per programmable page
Auto Address Increment (AAI) WORD Programming
- Decrease total chip programming time over
Byte Program operations
Lockable 4K bytes OTP security sector
SPI Serial Interface
- SPI Compatible: Mode 0 and Mode 3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
GENERAL DESCRIPTION
The F25L16PA is a 16Megabit, 3V only CMOS Serial Flash
memory device. The device supports the standard Serial
Peripheral Interface (SPI), and a Dual SPI. ESMT’s memory
devices reliably store memory data even after 100,000
programming and erase cycles.
The memory array can be organized into 8,192 programmable
pages of 256 byte each. 1 to 256 byte can be programmed at a
time with the Page Program instruction. The device also can be
programmed to decrease total chip programming time with Auto
Address Increment (AAI) programming.
The device features sector erase architecture. The memory array
is divided into 512 uniform sectors with 4K byte each; 32 uniform
blocks with 64K byte each. Sectors can be erased individually
without affecting the data in other sectors. Blocks can be erased
individually without affecting the data in other blocks. Whole chip
erase capabilities provide the flexibility to revise the data in the
device. The device has Sector, Block or Chip Erase but no page
erase.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.
Product ID
Speed
Package
Comments
F25L16PA –50PG
50MHz
8 lead SOIC
150mil
Pb-free
F25L16PA –100PG
100MHz 8 lead SOIC
150mil
Pb-free
F25L16PA –50PAG
50MHz
8 lead SOIC
200mil
Pb-free
F25L16PA –100PAG
100MHz 8 lead SOIC
200mil
Pb-free
F25L16PA –50DG
50MHz
8 lead PDIP
300mil
Pb-free
F25L16PA –100DG
100MHz 8 lead PDIP
300mil
Pb-free


Similar Part No. - F25L16PA-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
More results

Similar Description - F25L16PA-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L32PA ESMT-F25L32PA Datasheet
378Kb / 36P
   3V Only 32 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA_1 Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L32QA ESMT-F25L32QA Datasheet
489Kb / 42P
   3V Only 32 Mbit Serial Flash Memory with Dual and Quad
F25S04PA ESMT-F25S04PA Datasheet
387Kb / 34P
   2.5V Only 4 Mbit Serial Flash Memory with Dual Output
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com