Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L160UA Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L160UA
Description  16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L160UA Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L160UA_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L160UA_1 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ESMT
F49L160UA/F49L160BA
Operation Temperature condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2008
Revision: 1.4
8/51
Reset Mode :
Hardware Reset
When the
ESET
R
pin is driven low for at least a
period of tRP, the device immediately terminates any
operation in progress, tri-states all output pins, and
ignores all read/write commands for the duration of the
ESET
R
pulse. The device also resets the internal state
machine to reading array data. The operation that was
interrupted should be reinitiated later once the device is
ready to accept another command sequence, to ensure
the data integrity.
The current is reduced for the duration of the
ESET
R
pulse. When
ESET
R
is held at VSS±0.3V, the device
draws CMOS standby current (ICC4). If
ESET
R
is held
at VIL but not within VSS±0.3V, the standby current will
be greater.
The
ESET
R
pin may be tied to system reset circuitry.
A system reset would thus reset the Flash memory,
enabling the system to read the boot-up firm-ware from
the Flash memory.
If
ESET
R
is asserted during a program or erase
embedded algorithm operation, the RY/BY pin remains
a "0" (busy) until the internal reset operation is
complete, which requires a time of tREADY (during
Embedded Algorithms). The system can thus monitor
RY/ BY to determine whether the reset operation is
complete.
If
ESET
R
is asserted when a program or erase
operation is not executing , i.e. the RY/BY is “1”, the
reset operation is completed within a time of tREADY (not
during Embedded Algorithms). The system can read
data after tRH when the
ESET
R
pin returns to VIH.
Refer to the AC Characteristics tables 17 for Hardware
Reset section & Figure 23 for the timing diagram.
Read Mode
To read array data from the outputs, the system must
drive the CE and OE pins to VIL. CE is the power
control and selects the device. OE is the output
control and gates array data to the output pins. WE
should remain at VIH. The internal state machine is set
for reading array data upon device power-up, or after a
hardware reset. This ensures that no spurious
alteration of the memory content occurs during the
power transition.
No command is necessary in this mode to obtain array
data. Standard microprocessor’s read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See “Read Command” section for more information.
Refer to the AC Read Operations table 14 for timing
specifications and to Figure 5 for the timing diagram. ICC1
in the DC Characteristics table represents the active
current specification for reading array data.
Write Mode
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE and CE
to VIL, and OE to VIH. The “Program Command” section
has details on programming data to the device using
standard command sequences.
An erase operation can erase one sector, multiple
sectors, or the entire device. Tables 1 and 2 indicate the
address space that each sector occupies. A “sector
address” consists of the address bits required to uniquely
select a sector. The “Software Command Definitions”
section has details on erasing a sector or the entire chip,
or suspending/resuming the erase operation.
When the system writes the auto-select command
sequence, the device enters the auto-select mode. The
system can then read auto-select codes from the internal
register (which is separate from the memory array) on
DQ7–DQ0. Standard read cycle timings apply in this
mode. Refer to the Auto-select Mode and Auto-select
Command sections for more information. ICC2 in the DC
Characteristics table represents the active current
specification for the write mode. The “AC Characteristics”
section contains timing specification tables and timing
diagrams for write operations.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically enables
this mode when addresses remain unchanged for over
250ns. The automatic sleep mode is independent of the
CE , WE , and
OE control signals. Standard address
access timings provide new data when addresses are
changed. While in sleep mode, output data is latched and
always available to the system. ICC4 in the DC
Characteristics table represents the automatic sleep
mode current specification.
Word / Byte Mode
This pin control the I/O configuration of device. When
BYTE
= VIH or Vcc ± 0.3V. The I/O configuration is x16
and the pin of D15/A-1 is bi-direction Data I/O. However,
BYTE
= VIL or VSS ± 0.3V. The I/O configuration would
be x8 and The pin of DQ15/A-1 only address input pin.
You must define the function of this pin before enable this
device.


Similar Part No. - F49L160UA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA-70T ESMT-F49L160UA-70T Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-70TG ESMT-F49L160UA-70TG Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-90T ESMT-F49L160UA-90T Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA-90TG ESMT-F49L160UA-90TG Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L160UA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com