Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L320BA Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L320BA
Description  32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L320BA Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  F49L320BA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L320BA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ESMT
F49L320UA/F49L320BA
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision: 1.1
5/55
Table 2: F49L320BA Sector Address Table
Sector Size
Address range
Sector Address
Sector
Byte Mode Word Mode Byte Mode(x8)
Word Mode(x16) A20 A19 A18 A17 A16
A15
A14 A13 A12
SA0
8Kbytes
4Kwords
000000-001FFF
00000-00FFF
0
0
0
0
0
0
0
0
0
SA1
8Kbytes
4Kwords
002000-003FFF
01000-01FFF
0
0
0
0
0
0
0
0
1
SA2
8Kbytes
4Kwords
004000-005FFF
02000-02FFF
0
0
0
0
0
0
0
1
0
SA3
8Kbytes
4Kwords
006000-007FFF
03000-03FFF
0
0
0
0
0
0
1
1
1
SA4
8Kbytes
4Kwords
008000-009FFF
04000-04FFF
0
0
0
0
0
0
1
0
0
SA5
8Kbytes
4Kwords
00A000-00BFFF
05000-05FFF
0
0
0
0
0
0
1
0
1
SA6
8Kbytes
4Kwords
00C000-00DFFF
06000-06FFF
0
0
0
0
0
0
1
1
0
SA7
8Kbytes
4Kwords
00E000-00FFFF
07000-07FFF
0
0
0
0
0
0
1
1
1
SA8
64Kbytes
32Kwords
010000-01FFFF
08000-0FFFF
0
0
0
0
0
1
X
X
X
SA9
64Kbytes
32Kwords
020000-02FFFF
010000-017FFF
0
0
0
0
1
0
X
X
X
SA10
64Kbytes
32Kwords
030000-03FFFF
018000-01FFFF
0
0
0
0
1
1
X
X
X
SA11
64Kbytes
32Kwords
040000-04FFFF
020000-027FFF
0
0
0
1
0
0
X
X
X
SA12
64Kbytes
32Kwords
050000-05FFFF
028000-02FFFF
0
0
0
1
0
1
X
X
X
SA13
64Kbytes
32Kwords
060000-06FFFF
030000-037FFF
0
0
0
1
1
0
X
X
X
SA14
64Kbytes
32Kwords
070000-07FFFF
038000-03FFFF
0
0
0
1
1
1
X
X
X
SA15
64Kbytes
32Kwords
080000-08FFFF
040000-047FFF
0
0
1
0
0
0
X
X
X
SA16
64Kbytes
32Kwords
090000-09FFFF
048000-04FFFF
0
0
1
0
0
1
X
X
X
SA17
64Kbytes
32Kwords
0A0000-0AFFFF
050000-057FFF
0
0
1
0
1
0
X
X
X
SA18
64Kbytes
32Kwords
0B0000-0BFFFF
058000-05FFFF
0
0
1
0
1
1
X
X
X
SA19
64Kbytes
32Kwords
0C0000-0CFFFF
060000-067FFF
0
0
1
1
0
0
X
X
X
SA20
64Kbytes
32Kwords
0D0000-0DFFFF
068000-06FFFF
0
0
1
1
0
1
X
X
X
SA21
64Kbytes
32Kwords
0E0000-0EFFFF
070000-077FFF
0
0
1
1
1
0
X
X
X
SA22
64Kbytes
32Kwords
0F0000-0FFFFF
078000-07FFFF
0
0
1
1
1
1
X
X
X
SA23
64Kbytes
32Kwords
100000-10FFFF
080000-087FFF
0
1
0
0
0
0
X
X
X
SA24
64Kbytes
32Kwords
110000-11FFFF
088000-08FFFF
0
1
0
0
0
1
X
X
X
SA25
64Kbytes
32Kwords
120000-12FFFF
090000-097FFF
0
1
0
0
1
0
X
X
X
SA26
64Kbytes
32Kwords
130000-13FFFF
098000-09FFFF
0
1
0
0
1
1
X
X
X
SA27
64Kbytes
32Kwords
140000-14FFFF
0A0000-0A7FFF
0
1
0
1
0
0
X
X
X
SA28
64Kbytes
32Kwords
150000-15FFFF
0A8000-0AFFFF
0
1
0
1
0
1
X
X
X
SA29
64Kbytes
32Kwords
160000-16FFFF
0B0000-0B7FFF
0
1
0
1
1
0
X
X
X
SA30
64Kbytes
32Kwords
170000-17FFFF
0B8000-0BFFFF
0
1
0
1
1
1
X
X
X
SA31
64Kbytes
32Kwords
180000-18FFFF
0C0000-0C7FFF
0
1
1
0
0
0
X
X
X
SA32
64Kbytes
32Kwords
190000-19FFFF
0C8000-0CFFFF
0
1
1
0
0
1
X
X
X
SA33
64Kbytes
32Kwords
1A0000-1AFFFF 0D0000-0D7FFF
0
1
1
0
1
0
X
X
X
SA34
64Kbytes
32Kwords
1B0000-1BFFFF 0D8000-0DFFFF
0
1
1
0
1
1
X
X
X
SA35
64Kbytes
32Kwords
1C0000-1CFFFF 0E0000-0E7FFF
0
1
1
1
0
0
X
X
X


Similar Part No. - F49L320BA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320BA ESMT-F49L320BA Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320BA-70TIG ESMT-F49L320BA-70TIG Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320BA-90TIG ESMT-F49L320BA-90TIG Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L320BA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com