Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L800UA Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L800UA
Description  8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L800UA Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F49L800UA_1 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L800UA_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ESMT
F49L800UA/F49L800BA
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2008
Revision: 1.2
1/47
8 Mbit (1M x 8/512K x 16)
3V Only CMOS Flash Memory
1. FEATURES
Single supply voltage 2.7V-3.6V
Fast access time: 70/90 ns
1,048,576x8 / 524,288x16 switchable by BYTE pin
Compatible with JEDEC standard
- Pin-out, packages and software commands
compatible with single-power supply Flash
Low power consumption
- 7mA typical active current
- 25uA typical standby current 
100,000 program/erase cycles typically
20 years data retention
Command register architecture
- Byte programming (9us typical)
- Sector Erase(sector structure: one 16 KB, two 8 KB,
one 32 KB, and fifteen 64 KB) 
Auto Erase (chip & sector) and Auto Program
- Any combination of sectors can be erased
concurrently; Chip erase also provided.
- Automatically program and verify data at specified
address
Erase Suspend/Erase Resume
- Suspend or Resume erasing sectors to allow the
read/program in another sector
Ready/Busy (RY/ BY )
- RY/BY output pin for detection of program or erase
operation completion
End of program or erase detection
- Data polling
- Toggle bits
Hardware reset
- Hardware pin( ESET
R
) resets the internal state machine
to the read mode
Sector Protection /Unprotection
- Hardware Protect/Unprotect any combination of sectors
from a program or erase operation.
Low VCC Write inhibit is equal to or less than 2.0V
Boot Sector Architecture
- U = Upper Boot Block
- B = Bottom Boot Block
Packages available:
- 48-pin TSOPI
- All Pb-free products are RoHS-Compliant
2. ORDERING INFORMATION
Part No
Boot
Speed
Package Comments
Part No
Boot
Speed
Package Comments
F49L800UA-70TIG
Upper
70 ns
TSOPI
Pb-free
F49L800UA-90TIG Upper
90 ns
TSOPI
Pb-free
F49L800BA-70TIG
Bottom
70 ns
TSOPI
Pb-free
F49L800BA-90TIG Bottom
90 ns
TSOPI
Pb-free
3. GENERAL DESCRIPTION
The F49L800UA/F49L800BA is a 8 Megabit, 3V only
CMOS Flash memory device organized as 1M bytes of 8
bits or 512K words of 16bits. This device is packaged in
standard 48-pin TSOP. It is designed to be programmed
and erased both in system and can in standard EPROM
programmers.
With access times of 70 ns and 90 ns, the
F49L800UA/F49L800BA
allows
the
operation
of
high-speed microprocessors. The device has separate
chip enableCE, write enable WE , and output enable OE
controls. ESMT's memory devices reliably store memory
data even after 100,000 program and erase cycles.
The F49L800UA/F49L800BA is entirely pin and
command set compatible with the JEDEC standard for 8
Megabit Flash memory devices. Commands are written to
the command register using standard microprocessor
write timings.
The F49L800UA/F49L800BA features a sector erase
architecture. The device memory array is divided into one
16 Kbytes, two 8 Kbytes, one 32 Kbytes, and fifteen 64
Kbytes. Sectors can be erased individually or in groups
without affecting the data in other sectors. Multiple-sector
erase and whole chip erase capabilities provide the
flexibility to revise the data in the device.
The sector protect/unprotect feature disables both
program and erase operations in any combination of the
sectors of the memory. This can be achieved in-system or
via programming equipment.
A low VCC detector inhibits write operations on loss of
power. End of program or erase is detected by the
Ready/Busy status pin, Data Polling of DQ7, or by the
Toggle Bit I feature on DQ6. Once the program or erase
cycle has been successfully completed, the device
internally resets to the Read mode.


Similar Part No. - F49L800UA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800UA-70T ESMT-F49L800UA-70T Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-70TG ESMT-F49L800UA-70TG Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-90T ESMT-F49L800UA-90T Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA-90TG ESMT-F49L800UA-90TG Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L800UA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com