Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L320UA-70TIG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L320UA-70TIG
Description  32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L320UA-70TIG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F49L320UA-70TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L320UA-70TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
ESMT
F49L320UA/F49L320BA
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision: 1.1
3/55
5. SECTOR STRUCTURE
Table 1: F49L320UA Sector Address Table
Sector Size
Address range
Sector Address
Sector
Byte Mode
Word Mode
Byte Mode(x8)
Word Mode(x16)
A20 A19
A18
A17
A16
A15
A14
A13
A12
SA0
64Kbytes
32Kwords
000000-00FFFF
00000-07FFF
0
0
0
0
0
0
X
X
X
SA1
64Kbytes
32Kwords
010000-01FFFF
08000-0FFFF
0
0
0
0
0
1
X
X
X
SA2
64Kbytes
32Kwords
020000-02FFFF
10000-17FFF
0
0
0
0
1
0
X
X
X
SA3
64Kbytes
32Kwords
030000-03FFFF
18000-1FFFF
0
0
0
0
1
1
X
X
X
SA4
64Kbytes
32Kwords
040000-04FFFF
20000-27FFF
0
0
0
1
0
0
X
X
X
SA5
64Kbytes
32Kwords
050000-05FFFF
28000-2FFFF
0
0
0
1
0
1
X
X
X
SA6
64Kbytes
32Kwords
060000-06FFFF
30000-37FFF
0
0
0
1
1
0
X
X
X
SA7
64Kbytes
32Kwords
070000-07FFFF
38000-3FFFF
0
0
0
1
1
1
X
X
X
SA8
64Kbytes
32Kwords
080000-08FFFF
40000-47FFF
0
0
1
0
0
0
X
X
X
SA9
64Kbytes
32Kwords
090000-09FFFF
48000-4FFFF
0
0
1
0
0
1
X
X
X
SA10
64Kbytes
32Kwords
0A0000-0AFFFF
50000-57FFF
0
0
1
0
1
0
X
X
X
SA11
64Kbytes
32Kwords
0B0000-0BFFFF
58000-5FFFF
0
0
1
0
1
1
X
X
X
SA12
64Kbytes
32Kwords
0C0000-0CFFFF
60000-67FFF
0
0
1
1
0
0
X
X
X
SA13
64Kbytes
32Kwords
0D0000-0DFFFF
68000-6FFFF
0
0
1
1
0
1
X
X
X
SA14
64Kbytes
32Kwords
0E0000-0EFFFF
70000-77FFF
0
0
1
1
1
0
X
X
X
SA15
64Kbytes
32Kwords
0F0000-0FFFFF
78000-7FFFF
0
0
1
1
1
1
X
X
X
SA16
64Kbytes
32Kwords
100000-10FFFF
80000-87FFF
0
1
0
0
0
0
X
X
X
SA17
64Kbytes
32Kwords
110000-11FFFF
88000-8FFFF
0
1
0
0
0
1
X
X
X
SA18
64Kbytes
32Kwords
120000-12FFFF
90000-97FFF
0
1
0
0
1
0
X
X
X
SA19
64Kbytes
32Kwords
130000-13FFFF
98000-9FFFF
0
1
0
0
1
1
X
X
X
SA20
64Kbytes
32Kwords
140000-14FFFF
A0000-A7FFF
0
1
0
1
0
0
X
X
X
SA21
64Kbytes
32Kwords
150000-15FFFF
A8000-AFFFF
0
1
0
1
0
1
X
X
X
SA22
64Kbytes
32Kwords
160000-16FFFF
B0000-B7FFF
0
1
0
1
1
0
X
X
X
SA23
64Kbytes
32Kwords
170000-17FFFF
B8000-BFFF
0
1
0
1
1
1
X
X
X
SA24
64Kbytes
32Kwords
180000-18FFFF
C0000-C7FFF
0
1
1
0
0
0
X
X
X
SA25
64Kbytes
32Kwords
190000-19FFFF
C8000-CFFFF
0
1
1
0
0
1
X
X
X
SA26
64Kbytes
32Kwords
1A0000-1AFFFF
D0000-D7FFF
0
1
1
0
1
0
X
X
X
SA27
64Kbytes
32Kwords
1B0000-1BFFFF
D8000-DFFFF
0
1
1
0
1
1
X
X
X
SA28
64Kbytes
32Kwords
1C0000-1CFFFF
E0000-E7FFF
0
1
1
1
0
0
X
X
X
SA29
64Kbytes
32Kwords
1D0000-1DFFFF
E8000-EFFFF
0
1
1
1
0
1
X
X
X
SA30
64Kbytes
32Kwords
1E0000-1EFFFF
F0000-F7FFF
0
1
1
1
1
0
X
X
X
SA31
64Kbytes
32Kwords
1F0000-1FFFFF
F8000-FFFFF
0
1
1
1
1
1
X
X
X
SA32
64Kbytes
32Kwords
200000-20FFFF
100000-107FFF
1
0
0
0
0
0
X
X
X
SA33
64Kbytes
32Kwords
210000-21FFFF
108000-10FFFF
1
0
0
0
0
1
X
X
X
SA34
64Kbytes
32Kwords
220000-22FFFF
110000-117FFF
1
0
0
0
1
0
X
X
X


Similar Part No. - F49L320UA-70TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA-70TG ESMT-F49L320UA-70TG Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L320UA-70TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com