Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L320BA-90TG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L320BA-90TG
Description  32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L320BA-90TG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  F49L320BA-90TG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
ESMT
F49L320UA/F49L320BA
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision: 1.1
4/55
SA35
64Kbytes
32Kwords
230000-23FFFF
118000-11FFFF
1
0
0
0
1
1
X
X
X
SA36
64Kbytes
32Kwords
240000-24FFFF
120000-127FFF
1
0
0
1
0
0
X
X
X
SA37
64Kbytes
32Kwords
250000-25FFFF
128000-12FFFF
1
0
0
1
0
1
X
X
X
SA38
64Kbytes
32Kwords
260000-26FFFF
130000-137FFF
1
0
0
1
1
0
X
X
X
SA39
64Kbytes
32Kwords
270000-27FFFF
138000-13FFFF
1
0
0
1
1
1
X
X
X
SA40
64Kbytes
32Kwords
280000-28FFFF
140000-147FFF
1
0
1
0
0
0
X
X
X
SA41
64Kbytes
32Kwords
290000-29FFFF
148000-14FFFF
1
0
1
0
0
1
X
X
X
SA42
64Kbytes
32Kwords
2A0000-2AFFFF
150000-157FFF
1
0
1
0
1
0
X
X
X
SA43
64Kbytes
32Kwords
2B0000-2BFFFF
158000-15FFFF
1
0
1
0
1
1
X
X
X
SA44
64Kbytes
32Kwords
2C0000-2CFFFF
160000-167FFF
1
0
1
1
0
0
X
X
X
SA45
64Kbytes
32Kwords
2D0000-2DFFFF
168000-16FFFF
1
0
1
1
0
1
X
X
X
SA46
64Kbytes
32Kwords
2E0000-2EFFFF
170000-177FFF
1
0
1
1
1
0
X
X
X
SA47
64Kbytes
32Kwords
2F0000-2FFFFF
178000-17FFFF
1
0
1
1
1
1
X
X
X
SA48
64Kbytes
32Kwords
300000-30FFFF
180000-187FFF
1
1
0
0
0
0
X
X
X
SA49
64Kbytes
32Kwords
310000-31FFFF
188000-18FFFF
1
1
0
0
0
1
X
X
X
SA50
64Kbytes
32Kwords
320000-32FFFF
190000-197FFF
1
1
0
0
1
0
X
X
X
SA51
64Kbytes
32Kwords
330000-33FFFF
198000-19FFFF
1
1
0
0
1
1
X
X
X
SA52
64Kbytes
32Kwords
340000-34FFFF
1A0000-1A7FFF
1
1
0
1
0
0
X
X
X
SA53
64Kbytes
32Kwords
350000-35FFFF
1A8000-1AFFFF
1
1
0
1
0
1
X
X
X
SA54
64Kbytes
32Kwords
360000-36FFFF
1B0000-1B7FFF
1
1
0
1
1
0
X
X
X
SA55
64Kbytes
32Kwords
370000-37FFFF
1B8000-1BFFFF
1
1
0
1
1
1
X
X
X
SA56
64Kbytes
32Kwords
380000-38FFFF
1C0000-1C7FFF
1
1
1
0
0
0
X
X
X
SA57
64Kbytes
32Kwords
390000-39FFFF
1C8000-1CFFFF
1
1
1
0
0
1
X
X
X
SA58
64Kbytes
32Kwords
3A0000-3AFFFF
1D0000-1D7FFF
1
1
1
0
1
0
X
X
X
SA59
64Kbytes
32Kwords
3B0000-3BFFFF
1D8000-1DFFFF
1
1
1
0
1
1
X
X
X
SA60
64Kbytes
32Kwords
3C0000-3CFFFF
1E0000-1E7FFF
1
1
1
1
0
0
X
X
X
SA61
64Kbytes
32Kwords
3D0000-3DFFFF
1E8000-1EFFFF
1
1
1
1
0
1
X
X
X
SA62
64Kbytes
32Kwords
3E0000-3EFFFF
1F0000-1F7FFF
1
1
1
1
1
0
X
X
X
SA63
8Kbytes
4Kwords
3F0000-3F1FFF
1F8000-1F8FFF
1
1
1
1
1
1
0
0
0
SA64
8Kbytes
4Kwords
3F2000-3F3FFF
1F9000-1F9FFF
1
1
1
1
1
1
0
0
1
SA65
8Kbytes
4Kwords
3F4000-3F5FFF
1FA000-1FAFFF
1
1
1
1
1
1
0
1
0
SA66
8Kbytes
4Kwords
3F6000-3F7FFF
1FB000-1FBFFF
1
1
1
1
1
1
0
1
1
SA67
8Kbytes
4Kwords
3F8000-3F9FFF
1FC000-1FCFFF
1
1
1
1
1
1
1
0
0
SA68
8Kbytes
4Kwords
3FA000-3FBFFF
1FD000-1FDFFF
1
1
1
1
1
1
1
0
1
SA69
8Kbytes
4Kwords
3FC000-3FDFFF
1FE000-1FEFFF
1
1
1
1
1
1
1
1
0
SA70
8Kbytes
4Kwords
3FE000-3FFFFF
1FF000-1FFFFF
1
1
1
1
1
1
1
1
1
Note: Byte Mode: address range A20 : A-1, Word mode : address range A20 : A0


Similar Part No. - F49L320BA-90TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320BA-90TIG ESMT-F49L320BA-90TIG Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L320BA-90TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com