Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L16161A Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L16161A
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L16161A Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M12L16161A_1 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L16161A_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ESMT
M12L16161A
Operation temperature condition -40℃~85℃
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.1
2/29
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System Clock
Active on the positive going edge to sample all inputs.
CS
Chip Select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and L(U)DQM.
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A10/AP
Address
Row / column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA10, column address : CA0 ~ CA7
BA
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column Address Strobe
Latches column addresses on the positive going edge of the CLK with
CAS low.
Enables column access.
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS , WE active.
L(U)DQM
Data Input / Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
Bank Select
Data Input Register
Column Decoder
Latency & Burst Length
Programming Register
512K x 16
512K x 16
Timing Register
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LDQM
LWCBR
DQi
LDQM
LWE
LRAS LCBR
LWE
LCAS
CLK
ADD
LCKE


Similar Part No. - M12L16161A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L16161A-4.3T ESMT-M12L16161A-4.3T Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-5.5T ESMT-M12L16161A-5.5T Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-5T ESMT-M12L16161A-5T Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-5TG ESMT-M12L16161A-5TG Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L16161A_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com