Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L320BA-90TIG Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L320BA-90TIG
Description  32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L320BA-90TIG Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F49L320BA-90TIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L320BA-90TIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
ESMT
F49L320UA/F49L320BA
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2008
Revision: 1.1
1/55
Flash
32 Mbit (4M x 8/2M x 16)
3V Only CMOS Flash Memory
1. FEATURES
Single supply voltage 2.7V-3.6V
Fast access time: 70/90 ns
4,194,304x8 / 2,097,152x16 switchable by BYTE pin
Compatible with JEDEC standard
- Pin-out, packages and software commands compatible with
single-power supply Flash
Low power consumption
- 20mA typical active current
- 25uA typical standby current 
100,000 program/erase cycles typically
20 Years Data Retention 
Command register architecture
- Byte Word Programming (9μs/11μs typical)
- Byte Mode : eight 8KB, sixty three 64KB sectors.
- Word Mode : eight 4K word, sixty-three 32 K word sectors.
Auto Erase (chip & sector) and Auto Program
- Any combination of sectors can be erased concurrently;
Chip erase also provided.
- Automatically program and verify data at specified address
Erase Suspend/Erase Resume
- Suspend or Resume erasing sectors to allow the
read/program in another sector
Secured Silicon Sector
- 128word sector for permanent, secure identification through
an 8- word random Electronic Serial Number
-
- May be programmed and locked at the factory or by the
-
customer
- Accessible through a command sequence.
Ready/Busy (RY/ BY )
- RY/BY output pin for detection of program or erase operation
completion
End of program or erase detection
- Data polling
- Toggle bits
Hardware reset
- Hardware pin ( ESET
R
) resets the internal state machine to
the read mode
Sector Protection /Unprotection
- Hardware Protect/Unprotect any combination of sectors from
a program or erase operation.
Low VCC Write inhibit is equal to or less than 2.0V
Boot Sector Architecture
- U = Upper Boot Block
- B = Bottom Boot Block
Packages available:
- 48-pin TSOPI
- All Pb-free products are RoHS-Compliant
CFI (Common Flash Interface) complaint
- Provides device-specific information to the system, allowing
host software to easily reconfigure to different Flash devices.
2. ORDERING INFORMATION
Part No
Boot
Speed Package Comments
Part No
Boot
Speed
Package
Comments
F49L320UA-70TIG
Upper
70 ns
TSOPI
Pb-free
F49L320UA-90TIG
Upper
90 ns
TSOPI
Pb-free
F49L320BA-70TIG
Bottom
70 ns
TSOPI
Pb-free
F49L320BA-90TIG
Bottom
90 ns
TSOPI
Pb-free
3. GENERAL DESCRIPTION
The F49L320UA/F49L320BA is a 32 Megabit, 3V only CMOS
Flash memory device organized as 4M bytes of 8 bits or 2M
words of 16bits. This device is packaged in standard 48-pin
TSOP. It is designed to be programmed and erased both in
system and can in standard EPROM programmers.
With
access
times
of
70
ns
and
90
ns,
the
F49L320UA/F49L320BA allows the operation of high-speed
microprocessors. The device has separate chip enable CE, write
enable WE , and output enable OE controls. ESMT’s memory
devices reliably store memory data even after 100,000 program
and erase cycles.
The F49L320UA/F49L320BA is entirely pin and command set
compatible with the JEDEC standard for 32 Megabit Flash
memory devices. Commands are written to
The F49L320UA/F49L320BA features a sector erase architecture.
The device array is divided into eight 8KB, sixty-three 64KB for
byte mode. The device memory array is divided into eight 4K
word, sixty-three 32K word sectors for word mode. Sectors can
be erased individually or in groups without affecting the data in
other sectors. Multiple-sector erase and whole chip erase
capabilities provide the flexibility to revise the data in the
device.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory. This can be achieved in-system or via programming
equipment.
A low VCC detector inhibits write operations on loss of power.
End of program or erase is detected by the Ready/Busy status
pin, Data Polling of DQ7, or by the Toggle Bit I feature on DQ6.
Once the program or erase cycle has been successfully
completed, the device internally resets to the Read mode. The
command register using standard microprocessor write
timings.


Similar Part No. - F49L320BA-90TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320BA-90TG ESMT-F49L320BA-90TG Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results

Similar Description - F49L320BA-90TIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com