Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L16161A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L16161A
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L16161A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L16161A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L16161A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ESMT
M12L16161A
Operation temperature condition -40℃~85℃
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.1
7/29
FREQUENCY vs. AC PARAMENTER RELATIONAHIP TABLE
M12L16161A-5TIG
(Unit: number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
55ns
40ns
15ns
10ns
15ns
5ns
5ns
10ns
200MHz(5.0ns)
3
11
8
3
2
3
1
1
2
166MHz(6.0ns)
3
10
7
3
2
3
1
1
2
143MHz(7.0ns)
2
8
6
3
2
3
1
1
2
125MHz(8.0ns)
2
7
5
2
2
2
1
1
2
111MHz(9.0ns)
2
7
5
2
2
2
1
1
2
M12L16161A-7TIG
(Unit: number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
63ns
42ns
20ns
14ns
20ns
7ns
7ns
14ns
143MHz(7.0ns)
3
9
6
3
2
3
1
1
2
125MHz(8.0ns)
3
8
6
3
2
3
1
1
2
111MHz(9.0ns)
2
7
5
3
2
3
1
1
2
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
83MHz(12.0ns)
2
6
4
2
2
2
1
1
2
Note : 1. tRDL
16.7ns is recommended for M12L16161A.


Similar Part No. - M12L16161A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L16161A-4.3T ESMT-M12L16161A-4.3T Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L16161A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com