Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L32321A-7BG Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L32321A-7BG
Description  512K x 32Bit x 2Banks Synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L32321A-7BG Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L32321A-7BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M12L32321A-7BG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ESMT
M12L32321A
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2008
Revision : 1.1
11/28
*Note:
1. All inputs expect CKE & DQM can be don’t care when CS is high at the CLK high going edge.
2. Bank active & read/write are controlled by BA.
BA
Active & Read/Write
0
Bank A
1
Bank B
3.Enable and disable auto precharge function are controlled by A10/AP in read/write command.
A10/AP
BA
Operation
0
Disable auto precharge, leave bank A active at end of burst.
0
1
Disable auto precharge, leave bank B active at end of burst.
0
Enable auto precharge, precharge bank A at end of burst.
1
1
Enable auto precharge, precharge bank B at end of burst.
4.A10/AP and BA control bank precharge when precharge command is asserted.
A10/AP
BA
precharge
0
0
Bank A
0
1
Bank B
1
X
Both Banks


Similar Part No. - M12L32321A-7BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results

Similar Description - M12L32321A-7BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A Datasheet
802Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M52D32321A ESMT-M52D32321A_09 Datasheet
839Kb / 30P
   512K x 32Bit x 2Banks Mobile Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com